Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 170 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 170 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 166Page - Microchip Technology PIC16F15213 Datasheet HTML 167Page - Microchip Technology PIC16F15213 Datasheet HTML 168Page - Microchip Technology PIC16F15213 Datasheet HTML 169Page - Microchip Technology PIC16F15213 Datasheet HTML 170Page - Microchip Technology PIC16F15213 Datasheet HTML 171Page - Microchip Technology PIC16F15213 Datasheet HTML 172Page - Microchip Technology PIC16F15213 Datasheet HTML 173Page - Microchip Technology PIC16F15213 Datasheet HTML 174Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 439 page
background image
Figure 20-7. Timer1 Gate Single Pulse and Toggle Combined Mode
TxG_IN
TxGGO/
DONE
TxGSPM
TxGPOL
TMRxGE
Set by software
Counting enabled on
rising edge of TxG
Cleared by hardware on
falling edge of TxGVAL
TxGTM
TMRxGIF
Cleared by software
Cleared by
software
Set by hardware on
falling edge of TxGVAL
TIMER1
TxGVAL
TxCKI
20.6.5
Timer1 Gate Value Status
When Timer1 gate value status is utilized, it is possible to read the most current level of the gate control value. The
value is stored in the GVAL bit in the TxGCON register. The GVAL bit is valid even when the Timer1 gate is not
enabled (GE bit is cleared).
20.6.6
Timer1 Gate Event Interrupt
When Timer1 gate event interrupt is enabled, it is possible to generate an interrupt upon the completion of a
gate event. When the falling edge of GVAL occurs, the TMRxGIF flag bit will be set. If the TMRxGIE bit in the
corresponding PIE register is set, then an interrupt will be recognized.
The TMRxGIF flag bit operates even when the Timer1 gate is not enabled (GE bit is cleared).
20.7
Timer1 Interrupt
The TMRx register increments to FFFFh and rolls over to 0000h. When TMRx rolls over, the TMRx Interrupt Flag
(TMRxIF) bit of the PIRx register is set. To enable the interrupt-on-rollover, the following bits must be set:
• ON bit of the TxCON register
• TMRxIE bits of the PIEx register
• Global interrupts must be enabled
The interrupt is cleared by clearing the TMRxIF bit as a task in the Interrupt Service Routine.
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com