Electronic Components Datasheet Search
  English  ▼

X  

PIC16F15213 Datasheet(PDF) 167 Page - Microchip Technology

Part # PIC16F15213
Description  PIC16F15213/14/23/24/43/44 Low Pin Count Microcontrollers
PDF  439 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F15213 Datasheet(HTML) 167 Page - Microchip Technology

Back Button PIC16F15213 Datasheet HTML 163Page - Microchip Technology PIC16F15213 Datasheet HTML 164Page - Microchip Technology PIC16F15213 Datasheet HTML 165Page - Microchip Technology PIC16F15213 Datasheet HTML 166Page - Microchip Technology PIC16F15213 Datasheet HTML 167Page - Microchip Technology PIC16F15213 Datasheet HTML 168Page - Microchip Technology PIC16F15213 Datasheet HTML 169Page - Microchip Technology PIC16F15213 Datasheet HTML 170Page - Microchip Technology PIC16F15213 Datasheet HTML 171Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 439 page
background image
Figure 20-3. Timer1 16-Bit Read/Write Mode Block Diagram
TMRx
High Byte
TMRxL
TMRxH
From
TMRx
Circuitr y
Set TMRxIF
on Overflow
Read TMRxL
Write TMRxL
Inte rnal Da ta Bus
8
8
8
8
8
20.6
Timer1 Gate
Timer1 can be configured to count freely or the count can be enabled and disabled using Timer1 gate circuitry. This is
also referred to as Timer1 gate enable. Timer1 gate can also be driven by multiple selectable sources.
20.6.1
Timer1 Gate Enable
The Timer1 Gate Enable mode is enabled by setting the GE bit. The polarity of the Timer1 Gate Enable mode is
configured using the GPOL bit.
When Timer1 Gate Enable mode is enabled, Timer1 will increment on the rising edge of the Timer1 clock source.
When Timer1 Gate signal is inactive, the timer will not increment and hold the current count. Enable mode is
disabled, no incrementing will occur and Timer1 will hold the current count. See Figure 20-4 for timing details.
Table 20-2. Timer1 Gate Enable Selections
TMRxCLK
GPOL
TxG
Timer1 Operation
↑
1
1
Counts
↑
1
0
Holds Count
↑
0
1
Holds Count
↑
0
0
Counts
PIC16F15213/14/23/24/43/44
TMR1 - Timer1 Module with Gate Control
© 2020-2022 Microchip Technology Inc.
and its subsidiaries
Data Sheet
DS40002195E-page 167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com