Electronic Components Datasheet Search
  English  ▼

X  

LTC4002 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 1 Page - Linear Technology

  LTC4002 Datasheet HTML 1Page - Linear Technology LTC4002 Datasheet HTML 2Page - Linear Technology LTC4002 Datasheet HTML 3Page - Linear Technology LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LTC4002
1
4002f
, LTC and LT are registered trademarks of Linear Technology Corporation.
All other trademarks are the property of their respective owners.
APPLICATIO S
FEATURES
TYPICAL APPLICATIO
DESCRIPTIO
■ Portable Computers
■ Charging Docks
■ Handheld Instruments
■ Wide Input Supply Range:
4.7V to 22V – 4.2 Version
8.9V to 22V – 8.4 Version
■ High Efficiency Current Mode PWM Controller with
500kHz Switching Frequency
■ ±1% Charge Voltage Accuracy
■ End-of-Charge Current Detection Output
■ 3 Hour Charge Termination Timer
■ Constant Switching Frequency for Minimum Noise
■ ±5% Charge Current Accuracy
■ Low 10µA Reverse Battery Drain Current
■ Automatic Battery Recharge
■ Automatic Shutdown When Input Supply is Removed
■ Automatic Trickle Charging of Low Voltage Batteries
■ Battery Temperature Sensing and Charge
Qualification
■ Stable with Ceramic Output Capacitor
■ 8-Lead SO and 10-Lead DFN Packages
Standalone Li-Ion
Switch Mode Battery Charger
The LTC
®4002 is a complete battery charger controller for
one (4.2V) or two (8.4V) cell lithium-ion batteries. With a
500kHz switching frequency, the LTC4002 provides a
small, simple and efficient solution to fast charge Li-Ion
batteries from a wide range of supply voltages. An external
sense resistor sets the charge current with ±5% accuracy.
An internal resistor divider and precision reference set the
final float voltage to 4.2V per cell with ±1% accuracy.
When the input supply is removed, the LTC4002 automati-
cally enters a low current sleep mode, dropping the battery
drain current to 10µA. An internal comparator detects the
near end-of-charge condition while an internal timer sets
the total charge time and terminates the charge cycle. After
the charge cycle ends, if the battery voltage drops below
4.05V per cell, a new charge cycle will automatically begin.
The LTC4002 is available in the 8-lead SO and 10-lead DFN
packages.
6.8µH
22µF
+
4002 TA01
NTC: DALE NTHS-1206N02
10µF
0.1µF
0.47µF
2.2k
68mΩ
Li-Ion
BATTERY
10k
NTC
SENSE
GATE
BAT
CHRG
LTC4002ES8-4.2
VCC
VIN
5V TO 22V
BAT
NTC
GND
COMP
2k
CHARGE
STATUS
T
1.5A Single Cell Li-Ion Battery Charger
INPUT VOLTAGE (V)
5
80
VBAT = 4V
90
25
4002 TA02
70
60
10
15
20
100
VBAT = 3.8V
(CURVES INCLUDE
INPUT DIODE)
Efficiency vs Input Voltage


Similar Part No. - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002 LINER-LTC4002 Datasheet
274Kb / 24P
PWM LED Driver and Boost, Flyback and SEPIC Controller
LTC4002 LINER-LTC4002 Datasheet
332Kb / 24P
Monolithic 4A HIgh Voltage 2-Cell Li-Ion Battery Charger
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
196Kb / 16P
Standalone 750mA Li-Ion Battery Charger in 2 x 2 DFN
LTC4002 LINER-LTC4002 Datasheet
290Kb / 24P
USB Power Manager with Ideal Diode Controller and Li-Ion Charger
More results

Similar Description - LTC4002

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4002-4.2 LINER-LTC4002-4.2 Datasheet
204Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4065 LINER-LTC4065_15 Datasheet
225Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4002 LINER-LTC4002_15 Datasheet
175Kb / 16P
Standalone Li-Ion Switch Mode Battery Charger
LTC4065-4.4 LINER-LTC4065-4.4_15 Datasheet
189Kb / 16P
Standalone 750mA Li-Ion Battery Charger
LTC4065L LINER-LTC4065L_15 Datasheet
200Kb / 18P
Standalone 250mA Li-Ion Battery Charger
logo
Shanghai Consonance Ele...
CN3702 CONSONANCE-CN3702 Datasheet
239Kb / 11P
Standalone Li-ion Battery Charger
CN3703 CONSONANCE-CN3703 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3704 CONSONANCE-CN3704 Datasheet
238Kb / 11P
Standalone Li-ion Battery Charger
CN3761 CONSONANCE-CN3761 Datasheet
213Kb / 11P
Standalone Li-ion Battery Charger
logo
Bookly Micro electronic
BM0203A BOOKLY-BM0203A Datasheet
1Mb / 10P
Standalone Li-Ion Switch Mode Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com