Electronic Components Datasheet Search
  English  ▼

X  

LTC4002 Datasheet(PDF) 5 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 5 Page - Linear Technology

  LTC4002 Datasheet HTML 1Page - Linear Technology LTC4002 Datasheet HTML 2Page - Linear Technology LTC4002 Datasheet HTML 3Page - Linear Technology LTC4002 Datasheet HTML 4Page - Linear Technology LTC4002 Datasheet HTML 5Page - Linear Technology LTC4002 Datasheet HTML 6Page - Linear Technology LTC4002 Datasheet HTML 7Page - Linear Technology LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
LTC4002
5
4002f
TYPICAL PERFOR A CE CHARACTERISTICS T
A = 25°C, VCC = 10V unless otherwise noted.
Oscillator Frequency vs VCC
VCC (V)
5
500
25
4002 G04
490
10
15
20
510
CHRG Pin Output Low Voltage
vs VCC
VCC (V)
5
140
25
4002 G06
130
10
15
20
150
ILOAD = 1mA
Undervoltage Lockout Threshold
vs Temperature
TEMPERATURE (°C)
–50
25
4002 G05
6
–25
0
50
4
8
5
7
75
100
125
VCC RISING
LTC4002-8.4
LTC4002-4.2
CHRG Pin Output Low Voltage
vs Temperature
TEMPERATURE (°C)
–50
25
4002 G07
140
–25
0
50
100
180
75
100
125
ILOAD = 1mA
CHRG Pin Weak Pull-Down
Current vs Temperature
CHRG Output Pin Weak Pull-Down
Current vs VCC
TEMPERATURE (°C)
–50
25
4002 G08
25
–25
0
50
21
29
75
100
125
VCHRG = 8V
VCC (V)
5
22
25
28
10
15
20
25
4002 G09
VCHRG = 8V
Recharge Voltage Offset
Per Cell from Full Charged
Voltage vs Temperature
Recharge Voltage Offset from Full
Charged Voltage vs VCC
TEMPERATURE (°C)
–50
25
4002 G10
150
–25
0
50
110
190
75
100
125
VCC (V)
5
150
25
4002 G11
140
10
15
20
160
LTC4002-4.2
Recharge Voltage Offset from Full
Charged Voltage vs VCC
VCC (V)
5
300
25
4002 G12
280
10
15
20
320
LTC4002-8.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com