Electronic Components Datasheet Search
  English  ▼

X  

LTC4002 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4002
Description  Standalone Li-Ion Switch Mode Battery Charger
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4002 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4002 Datasheet HTML 8Page - Linear Technology LTC4002 Datasheet HTML 9Page - Linear Technology LTC4002 Datasheet HTML 10Page - Linear Technology LTC4002 Datasheet HTML 11Page - Linear Technology LTC4002 Datasheet HTML 12Page - Linear Technology LTC4002 Datasheet HTML 13Page - Linear Technology LTC4002 Datasheet HTML 14Page - Linear Technology LTC4002 Datasheet HTML 15Page - Linear Technology LTC4002 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
LTC4002
16
4002f
Linear Technology Corporation
1630 McCarthy Blvd., Milpitas, CA 95035-7417
(408) 432-1900 ● FAX: (408) 434-0507 ● www.linear.com
© LINEAR TECHNOLOGY CORPORATION 2003
LT/TP 1104 1K PRINTED IN USA
TYPICAL APPLICATIO
2-Cell 8.4V, 2A Li-Ion Battery Charger
L1
6.8µH
D2
B330
M1
1/2 Si9933ADY
M2
1/2 Si9933ADY
C2
22µF
CER
4002 TA03
NTC: DALE NTHS-1206N02
C1
10µF
CER
C3
0.1µF
CER
CC
0.47µF
RC
2.2k
RSENSE
50mΩ
8.4V
Li-Ion
BATTERY
10k
NTC
SENSE
GATE
3
2
7
6
1
5
84
BAT
CHRG
LTC4002ES8-8.4
VCC
VIN
9V TO 12V
NTC
GND
COMP
R1
100k
T
+
RELATED PARTS
PART NUMBER
DESCRIPTION
COMMENTS
LTC1732-8.4
2-Cell Li-Ion Linear Battery Charger
8.8V ≤ VIN ≤ 12V; Programmable Charge Termination Timer
Standalone Charger
LTC1733
Li-Ion Battery Charger with Termal Regulation
Standalone Charger, Constant-Current/Constant-Voltage/
Constant-Temperature, Integrated MOSFET, No External Sense
Resistor or Blocking Diodes
LTC1734/LTC1734L
SOT-23 Li-Ion Battery Chargers
Need Only Two External Components, Monitors Charge Current, No
Reverse Diode or Sense Resistor Required, 50mA to 700mA
LTC1980
Combination Battery Charger and DC/DC Converter
Wall Adapter May Be Above or Below Battery Voltage, Standalone,
1-, 2-Cell Li-Ion, Also for Charging NiMH and NiCd Batteries
LTC4006/LTC4007
4A Multiple Cell Li-Ion, NiCd, NiMH, Lead Acid
6V ≤ VIN ≤ 28V, High Efficiency ≥ 90%, VOUT ≤ 28V,
LTC4008
Battery Chargers
Digital Interface I/O, Small Inductor
LTC4052/LTC1730
Integrated Pulse Chargers for a 1-Cell Li-Ion Battery
0.35Ω Internal N-FET Requires No Blocking Diode,
Current Limit for Safety
LTC4053
USB Compatible Li-Ion Linear Battery Charger
Charges from USB Input or AC/DC, 100mA/500mA Up to 1.25A,
Thermal Regulation, Fully Integrated
LTC4054
Standalone Linear Li-Ion Battery Charger
Thermal Regulation Prevents Overheating, C/10 Termination,
with Integrated Pass Transistor in ThinSOT
TM
C/10 Indicator
LTC4056
Standalone SOT-23 Li-Ion Linear Battery Charger
Charge Termination Included, ICH ≤ 700mA, 8-Lead ThinSOT Package
LTC4412/LTC4413
Low Loss PowerPath
TM Controllers in ThinSOT
Automatic Switching Between DC Sources, Simplified Load Sharing
PowerPath and ThinSOT are trademarks of Linear Technology Corporation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com