Electronic Components Datasheet Search
  English  ▼

X  

5L1503 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 5L1503
Description  MicroClock Programmable Clock Generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L1503 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 5L1503 Datasheet HTML 7Page - Renesas Technology Corp 5L1503 Datasheet HTML 8Page - Renesas Technology Corp 5L1503 Datasheet HTML 9Page - Renesas Technology Corp 5L1503 Datasheet HTML 10Page - Renesas Technology Corp 5L1503 Datasheet HTML 11Page - Renesas Technology Corp 5L1503 Datasheet HTML 12Page - Renesas Technology Corp 5L1503 Datasheet HTML 13Page - Renesas Technology Corp 5L1503 Datasheet HTML 14Page - Renesas Technology Corp 5L1503 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
11
R31DS0107EU0100
December 20, 2021
5L1503 Datasheet
Absolute Maximum Ratings
Stresses above the ratings listed below can cause permanent damage to the 5L1503. These ratings, which are standard values for
Renesas commercially rated parts, are stress ratings only. Functional operation of the device at these or any other conditions above
those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating conditions for
extended periods can affect product reliability. Electrical parameters are guaranteed only over the recommended operating temperature
range.
Thermal Characteristics
Recommended Operating Conditions
Table 8. Absolute Maximum Ratings
Item
Rating
Supply Voltage: VDD, VDDO
-0.5V – 2.2V
Inputs; DFC, OE1, OE2, SCL
-0.5V to VDD/VDDO
Outputs: LVCMOS
-0.5V to VDD/VDDO + 0.5V
Outputs: SDA
10mA
Storage Temperature, TSTG
-65°C to 150°C
ESD Human Body Model
2000V
Junction Temperature
125°C
Table 9. Thermal Characteristics
Symbol
Parameter
Value
Units
θJb
Theta JB. Junction to board
23.6
°C/W
θJC
Theta JC. Junction to case
185.3
°C/W
Moisture Sensitivity Rating (per J-STD-020)
MSL1
—
Table 10. Recommended Operating Conditions
Symbol
Parameter
Minimum
Typical
Maximum
Units
VDD
Power Supply Voltage
1.71
—
1.89
V
VDDO
Power Supply Voltage
1.71
—
1.89
V
TA
Ambient Operating Temperature
-40
—
85
°C
CLOAD_OUT
Maximum Load Capacitance (1.8V LVCMOS only)
—
2
—
pF
tPU
Power-up Time for all VDDs to reach Minimum Specified Voltage
(power ramps must be monotonic)
0.05
—
3
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com