Electronic Components Datasheet Search
  English  ▼

X  

5L1503 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # 5L1503
Description  MicroClock Programmable Clock Generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L1503 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button 5L1503 Datasheet HTML 9Page - Renesas Technology Corp 5L1503 Datasheet HTML 10Page - Renesas Technology Corp 5L1503 Datasheet HTML 11Page - Renesas Technology Corp 5L1503 Datasheet HTML 12Page - Renesas Technology Corp 5L1503 Datasheet HTML 13Page - Renesas Technology Corp 5L1503 Datasheet HTML 14Page - Renesas Technology Corp 5L1503 Datasheet HTML 15Page - Renesas Technology Corp 5L1503 Datasheet HTML 16Page - Renesas Technology Corp 5L1503 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 31 page
background image
13
R31DS0107EU0100
December 20, 2021
5L1503 Datasheet
AC Electrical Characteristics
Iddsuspend
Power Suspend Current
(5L1503)
VDDD = 1.8V, VDDO = GND, OUT1 = 32.768kHz
running in DCO mode, no output loads, I2C and OE
pins open.
—
—
1.4
μA
Power Suspend Current
(5L1503L)
VDDD = 1.8V, VDDO = GND, OUT1 = 32.768kHz
running in DCO mode, no output loads, I2C and OE
pins open.
—
—
1
μA
Power Suspend Current
(5L1503S)
VDDD = 1.8V, VDDO = GND, OUT1 = 32.768kHz
running in DCO mode, no output loads, I2C and OE
pins open.
—
—
1.4
μA
Table 13. DC Electrical Characteristics – Input and Output Voltage
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VOH
Output High Voltage
IOH = -8mA.
0.7 × VDDO
—
VDDO
V
VOL
Output Low Voltage
IOL = 8mA.
—
—
0.25 × VDDO
V
IOZDD
Output Leakage Current Tri-state outputs, VDDO = 1.89V.
—
—
80
μA
VIH
Input High Voltage
Single-ended inputs – OE.
0.65 × VDDO
—
VDDO + 0.3
V
VIL
Input Low Voltage
Single-ended inputs – OE.
GND - 0.3
—
0.35 × VDDO
V
Table 14. AC Timing Electrical Characteristics
VDDSE= 1.8V ±5%, TA = -40°C to +85°C. Spread spectrum = OFF.
Symbol
Parameter
Conditions
Minimum Typical Maximum Units
fIN
Xtal Frequency Range
Input frequency limit (XIN)1.
8
—
40
MHz
Clock In
Input frequency limit (Clock In).
1
—
100
MHz
fOUT
Output Frequency
Single-ended clock output limit (LVCMOS).
1
—
100
MHz
fVCO1
VCO Frequency Range of PLL
VCO operating frequency range (5L1503).
50
—
130
MHz
fVCO2
VCO Frequency Range of PLL
VCO operating frequency range (5L1503L).
50
—
130
MHz
fVCO3
VCO Frequency Range of PLL
VCO operating frequency range (5L1503S).
500
—
1100
MHz
fPFD1
PFD Frequency Range of PLL1
PFD operating frequency range (5L1503 and
5L1503L).
0
—
13
MHz
fPFD1
PFD Frequency Range of PLL1
PFD operating frequency range(5L1503S).
0.8
—
100
MHz
fBW1
Loop Bandwidth for PLL1
Input frequency = TBD.
0.001
—
1
MHz
F32K_ACC1 32K Stability
Average accuracy after 24 hours2.
—
—
42
ppm
F32K_ACC2 32K Stability
Average accuracy after 3 days2.
—
—
36
ppm
Table 12. DC Electrical Characteristics – Current (Cont.)
VDD = VDDO = 1.8V ±5%, VSS = 0V, TA = -40°C to +85°C.
Symbol
Parameter
Conditions
Minimum Typical Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com