Electronic Components Datasheet Search
  English  ▼

X  

5L1503 Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # 5L1503
Description  MicroClock Programmable Clock Generator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

5L1503 Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button 5L1503 Datasheet HTML 11Page - Renesas Technology Corp 5L1503 Datasheet HTML 12Page - Renesas Technology Corp 5L1503 Datasheet HTML 13Page - Renesas Technology Corp 5L1503 Datasheet HTML 14Page - Renesas Technology Corp 5L1503 Datasheet HTML 15Page - Renesas Technology Corp 5L1503 Datasheet HTML 16Page - Renesas Technology Corp 5L1503 Datasheet HTML 17Page - Renesas Technology Corp 5L1503 Datasheet HTML 18Page - Renesas Technology Corp 5L1503 Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 31 page
background image
15
R31DS0107EU0100
December 20, 2021
5L1503 Datasheet
1 High Drive only when Crystal Frequency is higher than 30MHz.
2 The data is measured on constant temperature.
3 The slew rate is set by Byte19<3:2> and Byte19<1:0>.
4 Jitter performance depend on output configuration.
5 Includes loading the configuration bits from EPROM to PLL registers. It does not include EPROM programming/write time.
6 Actual PLL lock time depends on the loop configuration.
I2C Bus DC Characteristics
Note: I2C bus is 3.3V tolerant.
t64
Clock Jitter
Cycle-to-cycle jitter, 1.2V LVCMOS output
clock.
SOUT1 = 32.768kHz (1.8V LVCMOS)
OUT2 = 72MHz
OUT3 = 26MHz
—
50
—
ps
t64
Clock Jitter
Cycle-to-cycle jitter, 1.1V LVCMOS output
clock.
OUT1 = 32.768kHz (1.8V LVCMOS)
OUT2 = 72MHz
OUT3 = 26MHz
—
50
—
ps
t64
Clock Jitter
Cycle-to-cycle jitter, 1.0V LVCMOS output
clock.
OUT1 = 32.768kHz (1.8V LVCMOS)
OUT2 = 72MHz
OUT3 = 26MHz
—
50
—
ps
t7
Output Skew
Skew between the same frequencies, with
outputs using the same driver format.
—
300
ps
t85
Lock Time
PLL lock time from power-up.
—
5
ms
t9
Lock Time
32.768kHz clock low power power-up time.
—
10
20
ms
t96
Lock Time
PLL lock time from shutdown mode.
—
0.5
1
ms
Table 15. I2C Bus DC Characteristics
Symbol
Parameter
Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Level
—
0.7 × VDDO
—
—
V
VIL
Input Low Level
—
—
—
0.3 × VDDO
V
VHYS
Hysteresis of Inputs
—
0.05 × VDDO
—
—
V
IIN
Input Leakage Current
—
—
1
10
μA
VOL
Output Low Voltage
IOL = 3mA.
—
—
0.4
V
Table 14. AC Timing Electrical Characteristics (Cont.)
VDDSE= 1.8V ±5%, TA = -40°C to +85°C. Spread spectrum = OFF.
Symbol
Parameter
Conditions
Minimum Typical Maximum Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com