Electronic Components Datasheet Search
  English  ▼

X  

LM2903B Datasheet(PDF) 5 Page - STMicroelectronics

Part # LM2903B
Description  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Datasheet(HTML) 5 Page - STMicroelectronics

  LM2903B Datasheet HTML 1Page - STMicroelectronics LM2903B Datasheet HTML 2Page - STMicroelectronics LM2903B Datasheet HTML 3Page - STMicroelectronics LM2903B Datasheet HTML 4Page - STMicroelectronics LM2903B Datasheet HTML 5Page - STMicroelectronics LM2903B Datasheet HTML 6Page - STMicroelectronics LM2903B Datasheet HTML 7Page - STMicroelectronics LM2903B Datasheet HTML 8Page - STMicroelectronics LM2903B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
3
Electrical characteristics
Vcc+ = 5 V and 36 V, Vcc- = 0 V, Vo = 1.4 V, Rl connected to ground, T = 25 °C (unless otherwise specified).
Table 3. Electrical characteristics
Symbol
Parameter
Min.
Typ.
Max.
Unit
Vio
Input offset voltage (1)
Tmin < T < Tmax
4
5
mV
Iib
Input bias current (2)
Tmin < T < Tmax
20
150
200
nA
Iio
Input offset current
Tmin < T < Tmax
5
30
40
nA
Avd
Vcc = 15 V, RL = 15 kΩ, Vo = 1 to 11 V (3)
200
V / mV
Icc
Supply current, all comparators, no load
Vcc = 5 V
Tmin < T < Tmax
Vcc = 36 V
Tmin < T < Tmax
0.4
0.6
1
1
2.5
2.5
mA
Vid
Differential input voltage
Vcc
V
Vol
Low-level output voltage
Vcc = 5 V, Vid = -1 V, Isink = 4 mA
Tmin < T < Tmax
Vcc = 36 V, Vid = -1 V, Isink = 4 mA
Tmin < T < Tmax
250
250
350
600
350
600
mV
Ioh
High-level output current Vcc = Vo = 36 V, Vid = 1 V
Tmin < T < Tmax
0.1
1
nA
µA
Isink
Output sink current Vid = -1 V, Vo = 1.5 V
Vcc = 5 V
Tmin < T < Tmax
Vcc = 36 V
Tmin < T < Tmax
8
7
11
10
17
10
22
13
mA
tres
Small signal response time RL = 5.1 kΩ to Vcc (4)
Vcc = 5 V
Vcc = 36 V
1.0
0.9
µs
trel
Large signal response time (5)
TTL input (Vref = +1.4 V, RL = 5.1 kΩ to Vcc)
Output signal at 50% of final value
Output signal at 95% of final value
500
1
ns
µs
1. At output switch point, VO ≈ 1.4 V, RS = 0 Ω with Vcc from 5 V to 36 V, and over the full input common-mode range (0 V to
Vcc –1.5 V).
2. The direction of the input current is out of the IC due to the PNP input stage. This current is essentially constant,
independent of the state of the output, so no loading charge exists on the reference of input lines.
LM2903B
Electrical characteristics
DS13991 - Rev 2
page 5/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com