Electronic Components Datasheet Search
  English  ▼

X  

LM2903B Datasheet(PDF) 3 Page - STMicroelectronics

Part # LM2903B
Description  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Datasheet(HTML) 3 Page - STMicroelectronics

  LM2903B Datasheet HTML 1Page - STMicroelectronics LM2903B Datasheet HTML 2Page - STMicroelectronics LM2903B Datasheet HTML 3Page - STMicroelectronics LM2903B Datasheet HTML 4Page - STMicroelectronics LM2903B Datasheet HTML 5Page - STMicroelectronics LM2903B Datasheet HTML 6Page - STMicroelectronics LM2903B Datasheet HTML 7Page - STMicroelectronics LM2903B Datasheet HTML 8Page - STMicroelectronics LM2903B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
2
Maximum ratings
Table 1. Absolute maximum ratings
Symbol
Parameter
Value
Unit
Vcc
Supply voltage (1)
±20 or 40
V
Vid
Differential input voltage (2)
±40
Vin
Input voltage
-0.3 to 40
Iin
Input current (3)
10
mA
Output short-circuit current (4)
30
mA
Output short-circuit duration (4)
Infinite
s
Tstg
Storage temperature range
-65 to 150
°C
Tj
Maximum junction temperature
150
Rthja
Thermal resistance junction to ambient (5)
SO-8
MiniSO-8
TSSOP
125
190
120
°C/W
Rthjc
Thermal resistance junction to case (5)
SO-8
MiniSO-8
TSSOP
40
39
37
ESD
HBM: human body model (6)
MM: machine model (7)
CDM: charged device model (8)
SO-8
MiniSO-8
TSSOP
800
200
1500
1300
1500
V
1. All voltage values, except differential voltage, are with respect to network ground terminal.
2. Differential voltages are the non-inverting input terminal with respect to the inverting input terminal.
3. Input current must be limited by a resistor in series with the inputs to keep Vin in the range of the specified AMR.
4. Short-circuits from the output to Vcc+ can cause excessive heating and eventual destruction. The maximum output current
is approximately 30 mA.
5. Short-circuits can cause excessive heating and destructive dissipation. Values are typical.
6. Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a 1.5 kΩ resistor
between two pins of the device. This is done for all couples of connected pin combinations while the other pins are floating.
7. Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between two pins of the
device with no external series resistor (internal resistor < 5 Ω). This is done for all couples of connected pin combinations
while the other pins are floating.
8. Charged device model: all pins and the package are charged together to the specified voltage and then discharged directly
to the ground through only one pin. This is done for all pins.
LM2903B
Maximum ratings
DS13991 - Rev 2
page 3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com