Electronic Components Datasheet Search
  English  ▼

X  

LM2903B Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2903B
Description  Low-power dual voltage comparator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903B Datasheet(HTML) 1 Page - STMicroelectronics

  LM2903B Datasheet HTML 1Page - STMicroelectronics LM2903B Datasheet HTML 2Page - STMicroelectronics LM2903B Datasheet HTML 3Page - STMicroelectronics LM2903B Datasheet HTML 4Page - STMicroelectronics LM2903B Datasheet HTML 5Page - STMicroelectronics LM2903B Datasheet HTML 6Page - STMicroelectronics LM2903B Datasheet HTML 7Page - STMicroelectronics LM2903B Datasheet HTML 8Page - STMicroelectronics LM2903B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
Features
•
Wide single supply voltage range or dual supplies +2 V to +36 V or ±1 V to
±18 V
•
Very low supply current 0.5 mA typ., essentially independent of supply voltage
•
Low input bias current: 20 nA typ.
•
Low input offset current: ±5 nA typ.
•
Input common-mode voltage range includes negative rail
•
Low output saturation voltage: 250 mV typ. (Iout = 4 mA)
•
TTL, DTL, ECL, MOS, CMOS compatible outputs
•
Automotive qualification
Applications
•
Level shifters
•
Sampling circuits
•
Peak & zero crossing detectors
•
Threshold detectors
•
Automotive
Description
The LM2903B consists of two independent low-power voltage comparators designed
specifically to operate from a single supply over a wide range of voltages. It is fully
specified at 5 V and 36 V supply voltage operation, however operation from dual
power supplies is also possible.
The B-grade version of the LM2903 comparators offers an increased maximum
operating voltage of 40 V and improved electrical characteristics.
MiniSO8
SO8
TSSOP8
Maturity status link
LM2903B
Low-power dual voltage comparator
LM2903B
Datasheet
DS13991 - Rev 2 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - LM2903B

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM2903B TI1-LM2903B Datasheet
1Mb / 40P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903B TI1-LM2903B Datasheet
1Mb / 46P
LM193, LM293, LM393, LM2903, LM393B and LM2903B Dual Comparators
LM2903B TI1-LM2903B Datasheet
1Mb / 32P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
LM2903B TI-LM2903B Datasheet
2Mb / 49P
LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
LM2903B TI-LM2903B Datasheet
1Mb / 33P
LM2903-Q1 and LM2903B-Q1 Automotive Dual Comparators
More results

Similar Description - LM2903B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AU2903 PHILIPS-AU2903 Datasheet
99Kb / 5P
Low power dual voltage comparator
August 31, 1994
LM193 PHILIPS-LM193 Datasheet
121Kb / 6P
Low power dual voltage comparator
1995 Nov 27
logo
Agamem Microelectronic ...
AA393 AGAMEM-AA393 Datasheet
253Kb / 5P
Low power dual voltage comparator
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
LM2903W STMICROELECTRONICS-LM2903W Datasheet
666Kb / 13P
Low-power dual voltage comparator
18-Jan-2012
LM2903YDT STMICROELECTRONICS-LM2903YDT Datasheet
796Kb / 18P
Low-power dual voltage comparator
05-Dec-2012
LM2903WYDT STMICROELECTRONICS-LM2903WYDT Datasheet
835Kb / 15P
Low-power, dual-voltage comparator
05-Nov-2012
LM2903WH STMICROELECTRONICS-LM2903WH Datasheet
599Kb / 14P
Low-power, dual-voltage comparator
07-Oct-2015
LM2903 STMICROELECTRONICS-LM2903_V01 Datasheet
1Mb / 21P
Low-power dual voltage comparator
08-Sep-2021
logo
New Japan Radio
NJM393C NJRC-NJM393C Datasheet
441Kb / 7P
Low power dual voltage comparator
ver.10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com