Electronic Components Datasheet Search
  English  ▼

X  

ADRF5050 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5050
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5050 Datasheet HTML 1Page - Analog Devices ADRF5050 Datasheet HTML 2Page - Analog Devices ADRF5050 Datasheet HTML 3Page - Analog Devices ADRF5050 Datasheet HTML 4Page - Analog Devices ADRF5050 Datasheet HTML 5Page - Analog Devices ADRF5050 Datasheet HTML 6Page - Analog Devices ADRF5050 Datasheet HTML 7Page - Analog Devices ADRF5050 Datasheet HTML 8Page - Analog Devices ADRF5050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Data Sheet
ADRF5050
SPECIFICATIONS
analog.com
Rev. 0 | 4 of 14
Table 1. Specifications (Continued)
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITONS
Supply Voltage
Positive
VDD
3.15
3.45
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
VCTRL
0
VDD
V
RF Power Handling3
f = 100 MHz to 20 GHz, TCASE = 85°C4
Through Path
33
dBm
Terminated Path
18
dBm
Hot Switching
30
dBm
Case Temperature
TCASE
−40
+105
°C
1 For input linearity performance over frequency, see Figure 22 to Figure 25.
2 Video feedthrough is the peak transient measured at the RF ports in a 50 Ω test setup, without an RF signal present while switching the control voltage.
3 For power derating over frequency, see Figure 2.
4 For 105°C operation, the power handling degrades from the TCASE= 85°C specification by 3 dB.
SINGLE-SUPPLY OPERATION SPECIFICATIONS
VDD = 3.3 V, VSS = 0 V, V1 and V2 = 0 V or VDD, TCASE = 25°C, and 50 Ω system, unless otherwise noted.
The small signal and bias characteristics are maintained for the single-supply operation.
Table 2. Single-Supply Operation Specifications
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
FREQUENCY RANGE
100
20,000
MHz
SWITCHING
Rise and Fall Time
tRISE, tFALL
10% to 90% of RFOUT
85
ns
On and Off Time
tON, tOFF
50% VCTRL to 90% of RFOUT
175
ns
0.1 dB Settling Time
50% VCTRL to 0.1 dB of final RFOUT
200
ns
INPUT LINEARITY
0.1 dB Power Compression
P0.1dB
f = 100 MHz to 20 GHz
17
dBm
Third-Order Intercept
IP3
Two-tone input power = 15 dBm each tone, f = 100
MHz to 20 GHz, Δf = 1 MHz
42
dBm
Second-Order Intercept
IP2
Two-tone input power = 15 dBm each tone, f = 8
GHz, Δf = 1 MHz
86
dBm
RECOMMENDED OPERATING CONDITIONS
RF Power Handling
f = 100 MHz to 20 GHz, TCASE = 85°C
Through Path
22
dBm
Terminated Path
12
dBm
Hot Switching
19
dBm
Case Temperature
TCASE
−40
+105
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com