Electronic Components Datasheet Search
  English  ▼

X  

ADRF5050 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5050
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5050 Datasheet HTML 4Page - Analog Devices ADRF5050 Datasheet HTML 5Page - Analog Devices ADRF5050 Datasheet HTML 6Page - Analog Devices ADRF5050 Datasheet HTML 7Page - Analog Devices ADRF5050 Datasheet HTML 8Page - Analog Devices ADRF5050 Datasheet HTML 9Page - Analog Devices ADRF5050 Datasheet HTML 10Page - Analog Devices ADRF5050 Datasheet HTML 11Page - Analog Devices ADRF5050 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Data Sheet
ADRF5050
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 8 of 14
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = −3.3 V, LS, EN, V1, or V2 = 0 V or VDD, and TCASE = 25°C on a 50 Ω system, unless otherwise noted.
Figure 9. Insertion Loss for RFC to RFx On vs. Frequency
Figure 10. Insertion Loss for RFC to RF1 On vs. Frequency over
Temperatures
Figure 11. Return Loss for RFC to RFx Path On vs. Frequency
Figure 12. Return Loss for RFC to RFx Path On vs. Frequency
Figure 13. Return Loss for RFx Off vs. Frequency, RFC to RFx Path Off
Figure 14. Isolation for RFC to RFx Off vs. Frequency, RFC to RF1 Path On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com