Electronic Components Datasheet Search
  English  ▼

X  

ADRF5050 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5050
Description  Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5050 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5050 Datasheet HTML 1Page - Analog Devices ADRF5050 Datasheet HTML 2Page - Analog Devices ADRF5050 Datasheet HTML 3Page - Analog Devices ADRF5050 Datasheet HTML 4Page - Analog Devices ADRF5050 Datasheet HTML 5Page - Analog Devices ADRF5050 Datasheet HTML 6Page - Analog Devices ADRF5050 Datasheet HTML 7Page - Analog Devices ADRF5050 Datasheet HTML 8Page - Analog Devices ADRF5050 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Data Sheet
ADRF5050
Nonreflective, Silicon SP4T Switch, 100 MHz to 20 GHz
Rev. 0
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Ultrawideband frequency range: 100 MHz to 20 GHz
►
Nonreflective 50 Ω design
►
Low insertion loss
►
0.9 dB typical to 6 GHz
►
1.00 dB typical to 12 GHz
►
1.20 dB typical to 20 GHz
►
High isolation Between RFx and RFx
►
54 dB typical to 6 GHz
►
50 dB typical to 12 GHz
►
47 dB typical to 20 GHz
►
High input linearity
►
P0.1dB: 34 dBm typical
►
IP3: 55 dBm typical
►
High RF power handling
►
Through path: 33 dBm up to 20 GHz
►
Terminated path: 18 dBm up to 20 GHz
►
Switching on and off time: 55 ns
►
0.1 dB settling time (50% VCTRL to 0.1 dB final RFOUT): 80 ns
►
All off state control
►
Logic select control
►
Single-supply operation with derated power handling
►
No low frequency spurs
►
24-terminal, 3 mm × 3 mm, land grid array (LGA) package
►
Pin compatible with the ADRF5042 and ADRF5043
APPLICATIONS
►
Test instrumentation
►
Military radios, radars, and electronic counter measures (ECMs)
►
Microwave radios and very small aperture terminals (VSATs)
FUNCTIONAL BLOCK DIAGRAM
Figure 1. Functional Block Diagram
GENERAL DESCRIPTION
The ADRF5050 is a nonreflective SP4T switch manufactured in
a silicon on insulator (SOI) process. The ADRF5050 operates
from 100 MHz to 20 GHz with insertion loss less than 1.20 dB
and isolation higher than 47 dB. The device has RF input power
handling capability of 33 dBm for through paths.
The ADRF5050 operates with a dual-supply voltage +3.3 V and
−3.3 V. The device can also operate with a single positive supply
voltage (VDD) applied while the negative supply pin (VSS) is tied
to ground. The single-supply operation condition requires lower
operating power while the excellent small signal performance is
maintained (see Table 2).
The ADRF5050 employs complimentary metal-oxide semiconductor
(CMOS)- and low voltage transistor to transistor logic (LVTTL)-com-
patible controls. The device has enable and logic select controls to
feature all off state and port mirroring, respectively.
The ADRF5050 is pin compatible with the ADRF5042 and
ADRF5043.
The ADRF5050 comes in a 24-terminal, 3 mm × 3 mm, RoHS
compliant, land grid array (LGA) package and can operate from
−40°C to +105°C.


Similar Part No. - ADRF5050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5051 AD-ADRF5051 Datasheet
847Kb / 18P
Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
Rev. A
ADRF5051BCCZN AD-ADRF5051BCCZN Datasheet
847Kb / 18P
Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
Rev. A
ADRF5051BCCZN-R7 AD-ADRF5051BCCZN-R7 Datasheet
847Kb / 18P
Silicon SP4T Switch, Nonreflective, 9kHz to 20GHz
Rev. A
ADRF5054 AD-ADRF5054 Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
ADRF5054BCCZN AD-ADRF5054BCCZN Datasheet
1Mb / 13P
1 GHz to 60 GHz, Reflective, Silicon SP4T Switch
Rev. 0
More results

Similar Description - ADRF5050

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
ADRF5026 AD-ADRF5026 Datasheet
442Kb / 13P
Silicon SPDT Switch, Nonreflective,100 MHz to 44 GHz
9/2020-Rev. 0 to Rev. A
ADRF5042 AD-ADRF5042 Datasheet
562Kb / 12P
Nonreflective, 100 MHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5043 AD-ADRF5043 Datasheet
487Kb / 12P
Nonreflective, 9 kHz to 44 GHz Silicon SP4T Switch
7/2020-Revision 0
ADRF5019 AD-ADRF5019 Datasheet
338Kb / 12P
Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
8/2019-Revision 0
HMC241ALP3E AD-HMC241ALP3E Datasheet
223Kb / 11P
GaAs, Nonreflective, SP4T Switch 100 MHz to 4 GHz
8/2018-Rev. B to Rev. C
HMC641ALP4E AD-HMC641ALP4E Datasheet
518Kb / 11P
0.1 GHz to 20 GHz GaAs, Nonreflective, SP4T Switch
8/2018-Rev. A to Rev. B
ADRF5049 AD-ADRF5049 Datasheet
1Mb / 14P
Silicon SP4T Switch, Nonreflective, 9 kHz to 45 GHz
Rev. 0
ADRF5022 AD-ADRF5022 Datasheet
711Kb / 12P
Silicon SPDT Switch, Nonreflective, 100 MHz to 45 GHz
Rev. 0
ADRF5048 AD-ADRF5048 Datasheet
1Mb / 13P
Silicon SP4T Switch, Nonreflective, 100 MHz to 45 GHz
Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com