Electronic Components Datasheet Search
  English  ▼

X  

AM69A Datasheet(PDF) 39 Page - Texas Instruments

Part # AM69A
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69A Datasheet(HTML) 39 Page - Texas Instruments

Back Button AM69A Datasheet HTML 35Page - Texas Instruments AM69A Datasheet HTML 36Page - Texas Instruments AM69A Datasheet HTML 37Page - Texas Instruments AM69A Datasheet HTML 38Page - Texas Instruments AM69A Datasheet HTML 39Page - Texas Instruments AM69A Datasheet HTML 40Page - Texas Instruments AM69A Datasheet HTML 41Page - Texas Instruments AM69A Datasheet HTML 42Page - Texas Instruments AM69A Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 299 page
background image
Table 6-1. Pin Attributes (ALY Package) (continued)
Ball
Num [1]
Ball
Name [2]
PADCFG Register [15]
PADCFG Address [16]
Signal
Name [3]
Mux
Mode
[4]
Signal
Type [5]
I/O
Voltage [6]
Ball State
DURING
Reset
(RX/TX/PULL)
[7]
Ball State
AFTER
Reset
(RX/TX/PULL)
[8]
Mux
Mode
AFTER
Reset [9]
Pull
Type
[10]
Power [11]
Hys
[12]
Voltage
Buffer
Type [13]
IO
RET [14]
AD33
MCASP1_AFSX
PADCFG:
PADCONFIG_47
0x0011C0BC
MCAN11_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP1_AFSX
1
IO
GPMC0_A12
5
OZ
MDIO0_MDIO
6
IO
GPIO0_47
7
IO
SPI3_CS0
8
IO
EQEP0_I
9
IO
UART0_RXD
11
I
AD37
MCASP2_ACLKX
PADCFG:
PADCONFIG_21
0x0011C054
MCAN8_RX
0
I
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP2_ACLKX
1
IO
VOUT0_DATA8
2
O
HYP0_TXPMCLK
3
O
VOUT0_DATA20
5
O
GPMC0_AD10
6
IO
GPIO0_21
7
IO
SPI5_CS2
8
IO
EQEP2_S
9
IO
TRC_DATA4
10
O
UART1_RXD
11
I
SPI7_CS1
13
IO
SYNC3_OUT
14
O
AE37
MCASP2_AFSX
PADCFG:
PADCONFIG_22
0x0011C058
MCAN9_TX
0
O
1.8 V/3.3 V
Off / Off / Off
Off / Off / Off
7
PU/PD
VDDSHV2
Yes
LVCMOS
Yes
MCASP2_AFSX
1
IO
VOUT0_DATA7
2
O
HYP0_TXPMDAT
3
O
MDIO1_MDC
4
O
GPMC0_AD11
6
IO
GPIO0_22
7
IO
SPI5_CS3
8
IO
EHRPWM_SOCA
9
O
TRC_DATA9
10
O
UART1_TXD
11
O
SPI7_CS2
13
IO
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com