| Electronic Components Datasheet Search |
|
AM69A Datasheet(PDF) 85 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
AM69A Datasheet(HTML) 85 Page - Texas Instruments |
|
85 / 299 page ![]() 6.3 Signal Descriptions 1. SIGNAL NAME: The name of the signal passing through the pin. Note Signal names and descriptions provided in each Signal Descriptions table, represent the pin multiplexed signal function which is implemented at the pin and selected via PADCONFIG registers. Device subsystems may provide secondary multiplexing of signal functions, which are not described in these tables. For more information on secondary multiplexed signal functions, see the respective peripheral chapter of the device TRM. 2. PIN TYPE: Signal direction and type: • I = Input • O = Output • OD = Output, with open-drain output function • IO = Input, Output, or simultaneously Input and Output • IOD = Input, Output, or simultaneously Input and Output with open-drain output function • IOZ = Input, Output, or simultaneously Input and Output with three-state output function • OZ = Output with three-state output function • A = Analog • PWR = Power • GND = Ground • CAP = LDO Capacitor 3. DESCRIPTION: Description of the signal 4. BALL: Ball number(s) associated with signal For more information on the IO cell configurations, see the Pad Configuration Registers section in Device Configuration chapter of the device TRM. 6.3.1 ADC 6.3.1.1 MCU Domain Table 6-2. MCU_ADC Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_ADC_EXT_TRIGGER0 I ADC Trigger Input E38, H35, L33 MCU_ADC_EXT_TRIGGER1 I ADC Trigger Input E37, K36, M38 Table 6-3. MCU_ADC0 Signal Descriptions SIGNAL NAME [1] PIN TYPE [2] DESCRIPTION [3] ALY PIN [4] MCU_ADC0_REFN A ADC Reference (Negative) U35 MCU_ADC0_REFP A ADC Reference (Positive) R35 MCU_ADC0_AIN0 A ADC Input 0 P36 MCU_ADC0_AIN1 A ADC Input 1 V36 MCU_ADC0_AIN2 A ADC Input 2 T34 MCU_ADC0_AIN3 A ADC Input 3 T36 MCU_ADC0_AIN4 A ADC Input 4 P34 MCU_ADC0_AIN5 A ADC Input 5 R37 MCU_ADC0_AIN6 A ADC Input 6 R33 MCU_ADC0_AIN7 A ADC Input 7 V38 www.ti.com AM69A SPRSP92 – FEBRUARY 2023 Copyright © 2023 Texas Instruments Incorporated Submit Document Feedback 85 Product Folder Links: AM69A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |