Electronic Components Datasheet Search
  English  ▼

X  

AM69A Datasheet(PDF) 7 Page - Texas Instruments

Part # AM69A
Description  AM69Ax Processors, Silicon Revision 1.0
PDF  299 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AM69A Datasheet(HTML) 7 Page - Texas Instruments

Back Button AM69A Datasheet HTML 3Page - Texas Instruments AM69A Datasheet HTML 4Page - Texas Instruments AM69A Datasheet HTML 5Page - Texas Instruments AM69A Datasheet HTML 6Page - Texas Instruments AM69A Datasheet HTML 7Page - Texas Instruments AM69A Datasheet HTML 8Page - Texas Instruments AM69A Datasheet HTML 9Page - Texas Instruments AM69A Datasheet HTML 10Page - Texas Instruments AM69A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 299 page
background image
Table 5-1. Device Comparison (continued)
FEATURES(7)
REFERENCE NAME
AM69A9
AM69A7
Capture Subsystem with Camera Serial Interface
(CSI2)
CSI2.0 4L RX
3
3
CSI2.0 4L TX
2
2
Multichannel Serial Peripheral Interface
MCSPI
11
11
Multichannel Audio Serial Port
MCASP0
16 Serializers
16 Serializers
MCASP1
5 Serializers
5 Serializers
MCASP2
5 Serializers
5 Serializers
MCASP3
3 Serializers
3 Serializers
MCASP4
5 Serializers
5 Serializers
MultiMedia Card/ Secure Digital Interface
MMCSD0
eMMC (8-bits)
eMMC (8-bits)
MMCSD1
SD/SDIO (4-bits)
SD/SDIO (4-bits)
Universal Flash Storage
UFS 2L
No
No
Flash Subsystem (FSS)
OSPI0
8-bits(6)
8-bits(6)
OSPI1(8)
4-bits
4-bits
HyperBus
Yes(6)
Yes(6)
4x PCI Express Port with Integrated PHY
PCIE
2x4L or 4x2L(4)
2x4L or 4x2L(4)
Hyperlink
HYP
No(9)
No(9)
Ethernet Interfaces
MCU CPSW2G
RMII or RGMII(5)
RMII or RGMII(5)
MAIN CPSW2G
RMII or RGMII(5)
RMII or RGMII(5)
CPSW9G
8 port SERDES(4)
8 port SERDES(4)
General-Purpose Timers
TIMER
30
30
Enhanced High Resolution Pulse-Width Modulator
Module
eHRPWM
6
6
Enhanced Capture Module
eCAP
3
3
Enhanced Quadrature Encoder Pulse Module
eQEP
3
3
Universal Asynchronous Receiver and Transmitter
UART
12
12
Universal Serial Bus (USB3.1) SuperSpeed Dual-
Role-Device (DRD) Ports with SS PHY
USB0
Yes(4)
Yes(4)
(1)
Functional Safety is not supported on this device family, if interested in this feature, please see the TDA4VH device family.
(2)
Device security features including Secure Boot and Customer Programmable Keys are applicable to select part number variants as
indicated by the Device Type (Y) identifier in the Table 10-1, Nomenclature Description table
(3)
AEC-Q100 qualification is applicable to select part number variants as indicated by the Automotive Designator (Q1) identifier in the
Device Naming Convention table
(4)
DP, SGMII, USB3.0, and PCIE share total of 16 SerDes lanes.
(5)
AM69A CPSW supports up to 8 ports using the following instances and signals and modes of operation:
•
PORT1 Signals: SGMII1, Modes: One of 5Gb, 10Gb USXGMII/XFI, 2.5 Gb SGMII/XAUI, 1Gb SGMII, 5Gb QSGMII
•
PORT2 Signals: SGMII2, Modes: One of 5Gb, 10Gb USXGMII/XFI, 2.5 Gb SGMII/XAUI, 1Gb SGMII, 5Gb QSGMII
•
PORTn (n=3 thru 8) Signals: SGMIIn, Modes: One of 2.5 Gb SGMII/XAUI, 1Gb SGMII, 5Gb QSGMII
If QSGMII is used on any SGMII Port 1 thru 4, then SGMII1/2/3/4 cannot be used for Ethernet functionality since all 4 internal CPSW
ports map to the selected QSGMII SERDES port.
If QSGMII is used on any SGMII Port 5 thru 8, then SGMII5/6/7/8 cannot be used for Ethernet functionality since all 4 internal CPSW
ports map to the selected QSGMII SERDES port.
(6)
Two simultaneous flash interfaces configured as OSPI0 and OSPI1, or HyperBus and OSPI1.
(7)
J784S4 is the base part number for the superset device. Software should constrain the features used to match the intended production
device.
(8)
OSPI1 module only pins out 4 pins and is referred to as QSPI in some contexts.
(9)
Hyperlink is not supported on this SoC. System designs should not use the signals HYP_*, HYP0_*, HYP1_*.
(10) MCU_R5FSS0 includes Dual-Core R5F that provides Device Management functionality, and is reserved for executing TI provided
code.
R5FSS1 is a Dual-Core R5F that provides Multimedia Control functionality, and is reserved for executing TI provided code.
(11) The Deep Learning Accelerator C7x + MMA are reserved for executing TI provided code, and are not available for custom code.
www.ti.com
AM69A
SPRSP92 – FEBRUARY 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: AM69A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com