Electronic Components Datasheet Search
  English  ▼

X  

ADC081000LEVAL Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081000LEVAL
Description  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000LEVAL Datasheet(HTML) 1 Page - National Semiconductor (TI)

  ADC081000LEVAL Datasheet HTML 1Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 2Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 3Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 4Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 5Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 6Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 7Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 8Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
ADC081000
High Performance, Low Power 8-Bit, 1 GSPS A/D
Converter
General Description
The ADC081000 is a low power, high performance CMOS
analog-to-digital converter that digitizes signals to 8 bits
resolution at sampling rates up to 1.6 GSPS. Consuming a
typical 1.4 Watts at 1 GSPS from a single 1.9 Volt supply,
this device is guaranteed to have no missing codes over the
full operating temperature range. The unique folding and
interpolating architecture, the fully differential comparator
design, the innovative design of the internal sample-and-
hold amplifier and the self-calibration scheme enable a very
flat response of all dynamic parameters beyond Nyquist,
producing a high 7.5 ENOB with a 500 MHz input signal and
a 1 GHz sample rate. Output formatting is offset binary and
the LVDS digital outputs are compliant with IEEE 1596.3-
1996, with the exception of a reduced common mode volt-
age of 0.8V.
The converter has a 1:2 demultiplexer that feeds two LVDS
buses, reducing the output data rate on each bus to half the
sampling rate. The data on these buses are interleaved in
time to provide a 500 MHz output rate per bus and a com-
bined output rate of 1 GSPS.
The converter typically consumes less than 10 mW in the
Power Down Mode and is available in a 128-lead, thermally
enhanced exposed pad LQFP and operates over the indus-
trial (-40˚C
≤ T
A
≤ +85˚C) temperature range.
Features
n
Internal Sample-and-Hold
n
Single +1.9V ±0.1V Operation
n
Adjustable Output Levels
n
Guaranteed No Missing Codes
n
Low Power Standby Mode
Key Specifications
n
Resolution
8 Bits
n
Max Conversion Rate
1 GSPS (min)
n
ENOB @ 500 MHz Input
7.5 Bits (typ)
n
DNL
±0.25 LSB (typ)
n
Conversion Latency
7 and 8 Clock Cycles
n
Power Consumption
— Operating
1.45 W (typ)
— Power Down Mode
9 mW (typ)
Applications
n
Direct RF Down Conversion
n
Digital Oscilloscopes
n
Satellite Set-top boxes
n
Communications Systems
n
Test Instrumentation
Block Diagram
20068153
July 2004
© 2004 National Semiconductor Corporation
DS200681
www.national.com


Similar Part No. - ADC081000LEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC081000 NSC-ADC081000 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000 Datasheet
986Kb / 41P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC081000 TI2-ADC081000 Datasheet
990Kb / 33P
High Performance Quad DVGA
DECEMBER 2012
ADC081000 TI2-ADC081000 Datasheet
1Mb / 41P
ADC081000 High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
REVISED MAY 2013
logo
National Semiconductor ...
ADC081000CIYB NSC-ADC081000CIYB Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
More results

Similar Description - ADC081000LEVAL

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC08D1000 NSC-ADC08D1000 Datasheet
822Kb / 31P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_05 Datasheet
1Mb / 37P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_08 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000 NSC-ADC08D1000_09 Datasheet
1Mb / 40P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1010 NSC-ADC08D1010 Datasheet
1Mb / 38P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC081000 NSC-ADC081000_09 Datasheet
595Kb / 30P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML NSC-ADC08D1000QML Datasheet
1Mb / 44P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
logo
Texas Instruments
ADC081000 TI1-ADC081000_15 Datasheet
986Kb / 41P
High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
ADC08D1000 TI1-ADC08D1000 Datasheet
1Mb / 51P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
ADC08D1000QML TI1-ADC08D1000QML Datasheet
1Mb / 50P
High Performance, Low Power, Dual 8-Bit, 1 GSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com