Electronic Components Datasheet Search
  English  ▼

X  

ADC081000LEVAL Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # ADC081000LEVAL
Description  High Performance, Low Power 8-Bit, 1 GSPS A/D Converter
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC081000LEVAL Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button ADC081000LEVAL Datasheet HTML 10Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 11Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 12Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 13Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 14Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 15Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 16Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 17Page - National Semiconductor (TI) ADC081000LEVAL Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
Typical Performance Characteristics V
A =VDR = +1.9V, fCLK = 1 GHz (differential clock),
fIN = 248 MHz, Differential Inputs, unless otherwise stated. Parameters shown across temperature were measured after
recalibration at each temperature. (Continued)
DNL vs. Temperature
DNL vs. Supply Voltage
20068123
20068124
DNL vs. Output Driver Voltage
DNL vs. Sample Rate
20068125
20068126
SNR vs. Temperature
SNR vs. Supply Voltage
20068127
20068128
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com