Electronic Components Datasheet Search
  English  ▼

X  

74HC4060 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC4060
Description  14-stage binary ripple counter with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4060 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC4060 Datasheet HTML 4Page - NXP Semiconductors 74HC4060 Datasheet HTML 5Page - NXP Semiconductors 74HC4060 Datasheet HTML 6Page - NXP Semiconductors 74HC4060 Datasheet HTML 7Page - NXP Semiconductors 74HC4060 Datasheet HTML 8Page - NXP Semiconductors 74HC4060 Datasheet HTML 9Page - NXP Semiconductors 74HC4060 Datasheet HTML 10Page - NXP Semiconductors 74HC4060 Datasheet HTML 11Page - NXP Semiconductors 74HC4060 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DC CHARACTERISTICS FOR 74HCT
Output capability: standard (except for RTC and CTC)
ICC category: MSI
Voltages are referenced to GND (ground = 0 V)
SYMBOL
PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
VI
OTHER
+25
−40 to +85 −40 to +125
min.
typ
.
max.
min.
max.
min.
max.
VIH
HIGH level input voltage
2.0
2.0
2.0
V
4.5 to 5.5
note 2
VIL
LOW level input voltage
0.8
0.8
0.8
V
4.5 to 5.5
note 2
VOH
HIGH level output voltage
RTC output
3.98
3.84
3.7
V
4.5
RS=GND and MR=GND
−I
O = 2.6 mA
3.98
3.84
3.7
V
4.5
RS = VCC and MR = VCC
−I
O = 0.65 mA
4.4
4.5
4.4
4.4
V
4.5
RS=GND and MR=GND
−I
O =20 µA
4.4
4.5
4.4
4.4
V
4.5
RS=VCC and MR=VCC
−I
O =20 µA
VOH
HIGH level output voltage
CTC output
3.98
3.84
3.7
V
4.5
RS = VIH and MR = VIL
−I
O = 3.2 mA
VOH
HIGH level output voltage
except RTC output
4.4
4.5
4.4
4.4
V
4.5
VIH or VIL
−I
O =20 µA
VOH
HIGH level output voltage
except RTC and CTC
outputs
3.98
3.84
3.7
V
4.5
VIH or VIL
−I
O = 4.0 mA
VOL
LOW level output voltage
RTC output
0.26
0.33
0.4
V
4.5
RS=VCC and MR=GND
IO = 2.6 mA
0
0.1
0.1
0.1
V
4.5
RS=VCC and MR=GND
IO =20 µA
VOL
LOW level output voltage
CTC output
0.26
0.33
0.4
V
4.5
RS = VIL and MR = VIH
IO = 3.2 mA
VOL
LOW level output voltage
except RTC output
0
0.1
0.1
0.1
V
4.5
VIH or VIL
IO =20 µA
VOL
LOW level output voltage
except RTC and CTC
outputs
0.26
0.33
0.4
V
4.5
VIH or VIL
IO = 4.0 mA
±I
input leakage current
0.1
1.0
1.0
µA
5.5
VCC or GND
ICC
quiescent supply current
8.0
80.0
160.0
µA
5.5
VCC or GND
IO =0
∆ICC
additional quiescent supply
current per input pin for unit
load coefficient is 1 (note 1)
100 360
450
490
µA
4.5 to 5.5
VCC − 2.1 V
other inputs at
VCC or GND;
IO =0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com