Electronic Components Datasheet Search
  English  ▼

X  

74HC4060 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # 74HC4060
Description  14-stage binary ripple counter with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4060 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button 74HC4060 Datasheet HTML 4Page - NXP Semiconductors 74HC4060 Datasheet HTML 5Page - NXP Semiconductors 74HC4060 Datasheet HTML 6Page - NXP Semiconductors 74HC4060 Datasheet HTML 7Page - NXP Semiconductors 74HC4060 Datasheet HTML 8Page - NXP Semiconductors 74HC4060 Datasheet HTML 9Page - NXP Semiconductors 74HC4060 Datasheet HTML 10Page - NXP Semiconductors 74HC4060 Datasheet HTML 11Page - NXP Semiconductors 74HC4060 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
December 1990
12
Philips Semiconductors
Product specification
14-stage binary ripple counter with oscillator
74HC/HCT4060
Fig.11 External components connection for a crystal oscillator.
TYPICAL CRYSTAL OSCILLATOR
In Fig.11, R2 is the power limiting resistor.
For starting and maintaining oscillation a minimum
transconductance is necessary, so R2 should not
be too large. A practical value for R2 is 2.2 k
Ω.
AC WAVEFORMS
Fig.12 Waveforms showing the clock (RS) to
output (Q3) propagation delays, the clock
pulse width, the output transition times and
the maximum clock frequency.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
Fig.13 Waveforms showing the master reset (MR)
pulse width, the master reset to output (Qn)
propagation delays and the master reset to
clock (RS) removal time.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.
PACKAGE OUTLINES
See
“74HC/HCT/HCU/HCMOS Logic Package Outlines”.
Fig.14 Waveforms showing the output (Qn) to Qn+1 propagation delays.
(1) HC : VM = 50%; VI = GND to VCC.
HCT: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com