Electronic Components Datasheet Search
  English  ▼

X  

74HC4060 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # 74HC4060
Description  14-stage binary ripple counter with oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC4060 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button 74HC4060 Datasheet HTML 4Page - NXP Semiconductors 74HC4060 Datasheet HTML 5Page - NXP Semiconductors 74HC4060 Datasheet HTML 6Page - NXP Semiconductors 74HC4060 Datasheet HTML 7Page - NXP Semiconductors 74HC4060 Datasheet HTML 8Page - NXP Semiconductors 74HC4060 Datasheet HTML 9Page - NXP Semiconductors 74HC4060 Datasheet HTML 10Page - NXP Semiconductors 74HC4060 Datasheet HTML 11Page - NXP Semiconductors 74HC4060 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
December 1990
11
Philips Semiconductors
Product specification
14-stage binary ripple counter with oscillator
74HC/HCT4060
Fig.7
Test set-up for measuring forward
transconductance gfs =dio / dvi at vo is
constant (see also graph Fig.8);
MR = LOW.
handbook, halfpage
MBA333
14
12
10
8
6
4
2
0123
456
g
fs
(mA/V)
CC
V
(V)
max.
min.
typ.
Fig.8
Typical forward transconductance gfs as a
function of the supply voltage VCC at
Tamb =25 °C.
Fig.9
RC oscillator frequency as a function of
Rt and Ct at VCC = 2.0 to 6.0 V; Tamb =25 °C.
Ct curve at Rt = 100 kΩ; R2 = 200 kΩ.
Rt curve at Ct = 1 nF; R2 = 2 × Rt.
RC OSCILLATOR
Fig.10 Example of a RC oscillator.
Typical formula for oscillator frequency:
f
osc
1
2.5
R
t
C
t
×
×
--------------------------------
=
TIMING COMPONENT LIMITATIONS
The oscillator frequency is mainly determined by RtCt, provided R2 ≈ 2Rt and R2C2 << RtCt. The function of R2 is to
minimize the influence of the forward voltage across the input protection diodes on the frequency. The stray capacitance
C2 should be kept as small as possible. In consideration of accuracy, Ct must be larger than the inherent stray
capacitance. Rt must be larger than the “ON” resistance in series with it, which typically is 280 Ω at VCC = 2.0 V, 130 Ω at
VCC = 4.5 V and 100 Ω at VCC = 6.0 V.
The recommended values for these components to maintain agreement with the typical oscillation formula are:
Ct > 50 pF, up to any practical value,
10 k
Ω< Rt < 1 MΩ.
In order to avoid start-up problems, Rt ≥ 1 kΩ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com