Electronic Components Datasheet Search
  English  ▼

X  

BD62012BFS Datasheet(PDF) 20 Page - Rohm

Part # BD62012BFS
Description  3-Phase Brushless Fan Motor Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62012BFS Datasheet(HTML) 20 Page - Rohm

Back Button BD62012BFS Datasheet HTML 16Page - Rohm BD62012BFS Datasheet HTML 17Page - Rohm BD62012BFS Datasheet HTML 18Page - Rohm BD62012BFS Datasheet HTML 19Page - Rohm BD62012BFS Datasheet HTML 20Page - Rohm BD62012BFS Datasheet HTML 21Page - Rohm BD62012BFS Datasheet HTML 22Page - Rohm BD62012BFS Datasheet HTML 23Page - Rohm BD62012BFS Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
20/24
TSZ02201-0212ACB00200-1-2
© 2021 ROHM Co., Ltd. All rights reserved.
21.Jan.2022 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD62012BFS
Operational Notes
1. Reverse Connection of Power Supply
Connecting the power supply in reverse polarity can damage the IC. Take precautions against reverse polarity when
connecting the power supply, such as mounting an external diode between the power supply an
d the IC’s power supply
pins.
2. Power Supply Lines
Design the PCB layout pattern to provide low impedance supply lines. Separate the ground and supply lines of the digital
and analog blocks to prevent noise in the ground and supply lines of the digital block from affecting the analog block.
Furthermore, connect a capacitor to ground at all power supply pins. Consider the effect of temperature and aging on the
capacitance value when using electrolytic capacitors.
3. Ground Voltage
Ensure that no pins are at a voltage below that of the ground pin at any time, even during transient condition. However, pins
that drive inductive loads (e.g. motor driver outputs, DC-DC converter outputs) may inevitably go below ground due to back
EMF or electromotive force. In such cases, the user should make sure that such voltages going below ground will not cause
the IC and the system to malfunction by examining carefully all relevant factors and conditions such as motor characteristics,
supply voltage, operating frequency and PCB wiring to name a few.
4. Ground Wiring Pattern
When using both small-signal and large-current ground traces, the two ground traces should be routed separately but
connected to a single ground at the reference point of the application board to avoid fluctuations in the small-signal ground
caused by large currents. Also ensure that the ground traces of external components do not cause variations on the ground
voltage. The ground lines must be as short and thick as possible to reduce line impedance.
5. Recommended Operating Conditions
The function and operation of the IC are guaranteed within the range specified by the recommended operating conditions.
The characteristic values are guaranteed only under the conditions of each item specified by the electrical characteristics.
6. Inrush Current
When power is first supplied to the IC, it is possible that the internal logic may be unstable and inrush current may flow
instantaneously due to the internal powering sequence and delays, especially if the IC has more than one power supply.
Therefore, give special consideration to power coupling capacitance, power wiring, width of ground wiring, and routing of
connections.
7. Testing on Application Boards
When testing the IC on an application board, connecting a capacitor directly to a low-impedance output pin may subject the
IC to stress. Always
discharge capacitors completely after each process or step. The IC’s power supply should always be
turned off completely before connecting or removing it from the test setup during the inspection process. To prevent damage
from static discharge, ground the IC during assembly and use similar precautions during transport and storage.
8. Inter-pin Short and Mounting Errors
Ensure that the direction and position are correct when mounting the IC on the PCB. Incorrect mounting may result in
damaging the IC. Avoid nearby pins being shorted to each other especially to ground, power supply and output pin. Inter-pin
shorts could be due to many reasons such as metal particles, water droplets (in very humid environment) and unintentional
solder bridge deposited in between pins during assembly to name a few.
9. Unused Input Pins
Input pins of an IC are often connected to the gate of a MOS transistor. The gate has extremely high impedance and
extremely low capacitance. If left unconnected, the electric field from the outside can easily charge it. The small charge
acquired in this way is enough to produce a significant effect on the conduction through the transistor and cause
unexpected operation of the IC. So unless otherwise specified, unused input pins should be connected to the power supply
or ground line.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com