| Electronic Components Datasheet Search |
|
BD62012BFS Datasheet(PDF) 21 Page - Rohm |
|
|
|||||||||||||||||||||||||||||
BD62012BFS Datasheet(HTML) 21 Page - Rohm |
|
21 / 27 page ![]() 21/24 TSZ02201-0212ACB00200-1-2 © 2021 ROHM Co., Ltd. All rights reserved. 21.Jan.2022 Rev.001 www.rohm.com TSZ22111 • 15 • 001 BD62012BFS Operational Notes - continued 10. Regarding the Input Pin of the IC Do not force voltage to the input pins when the power does not supply to the IC. Also, do not force voltage to the input pins that exceed the supply voltage or in the guaranteed the absolute maximum rating value even if the power is supplied to the IC. This monolithic IC contains P+ isolation and P substrate layers between adjacent elements in order to keep them isolated. P-N junctions are formed at the intersection of the P layers with the N layers of other elements, creating a parasitic diode or transistor. For example (refer to figure below): When GND > Pin A and GND > Pin B, the P-N junction operates as a parasitic diode. When GND > Pin B, the P-N junction operates as a parasitic transistor. Parasitic diodes inevitably occur in the structure of the IC. The operation of parasitic diodes can result in mutual interference among circuits, operational faults, or physical damage. Therefore, conditions that cause these diodes to operate, such as applying a voltage lower than the GND voltage to an input pin (and thus to the P substrate) should be avoided. 11. Ceramic Capacitor When using a ceramic capacitor, determine a capacitance value considering the change of capacitance with temperature and the decrease in nominal capacitance due to DC bias and others. Figure 42. Example of Monolithic IC structure Resistor Pin A Parasitic Elements P + P + N N N N P P Substrate GND Parasitic Elements Pin A Transistor(NPN) Parasitic Elements P Substrate GND Pin B C B GND P + N N N P P + N N E Pin B E C B N Region close-by Parasitic Elements |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |