Electronic Components Datasheet Search
  English  ▼

X  

BD62012BFS Datasheet(PDF) 4 Page - Rohm

Part # BD62012BFS
Description  3-Phase Brushless Fan Motor Controller
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD62012BFS Datasheet(HTML) 4 Page - Rohm

  BD62012BFS Datasheet HTML 1Page - Rohm BD62012BFS Datasheet HTML 2Page - Rohm BD62012BFS Datasheet HTML 3Page - Rohm BD62012BFS Datasheet HTML 4Page - Rohm BD62012BFS Datasheet HTML 5Page - Rohm BD62012BFS Datasheet HTML 6Page - Rohm BD62012BFS Datasheet HTML 7Page - Rohm BD62012BFS Datasheet HTML 8Page - Rohm BD62012BFS Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
4/24
TSZ02201-0212ACB00200-1-2
© 2021 ROHM Co., Ltd. All rights reserved.
21.Jan.2022 Rev.001
www.rohm.com
TSZ22111
• 15 • 001
BD62012BFS
Description of Blocks
1. Commutation Logic
When the hall cycle is about 5-Hz or less (e.g. when the motor starts up), the commutation mode is 120° square wave
drive with upper and lower switching (no lead angle). The controller monitors the hall cycle, and switches to 150°
commutation drive when the hall cycle reaches or exceeds about 5 Hz over four consecutive cycles. Refer to the timing
charts in Figures 31 and 32.
2. Duty Control
The switching duty can be controlled by forcing DC voltage with value from VSPMIN to VSPMAX to the VSP pin. When the
VSP voltage is higher than VSPTST, the controller forces PC pin voltage to ground (Testing mode, maximum duty and no
lead angle). The VSP pin is pulled down internally by a 200 k
Ω resistor. Therefore, note the impedance when setting the
VSP voltage with a resistance voltage divider.
3. Carrier Frequency Setting
The carrier frequency setting can be freely adjusted by connecting an external resistor
between the RT pin and ground. The RT pin is biased to a constant voltage, which
determines the charge current to the internal capacitor. Carrier frequencies can be set
within a range from about 16 kHz to 50 kHz. Refer to the formula to the right.
4. FG Signal Output
The FG signal is output from the FG pin. Refer to the timing charts in Figures
31 and 32. The FG signal is generated from the hall signal.
It is recommended to pull up FGS pin to VREG voltage when malfunctioning
because of the noise.
5. Direction of Motor Rotation Setting
The direction of rotation may be switched by the CCW pin. When CCW pin is
“H” or open, the motor rotates at CCW direction. When the real direction is
different from the setting, the commutation mode is 120° square wave drive
(no lead angle). It is recommended to pull up CCW pin to VREG voltage
when malfunctioning because of the noise.
6. Hall Signal Comparator
The hall comparator provides voltage hysteresis to prevent noise malfunctions. The bias current to the hall elements
should be set to the input voltage amplitude from the element, at a value higher than the minimum input voltage, VHALLMIN.
We recommend connecting a ceramic capacitor with value from 100 pF to 0.01 µF, between the differential input pins of
the hall comparator. Note that the bias to hall elements must be set within the common mode input voltage range VHALLCM.
Table 1. 120° Commutation (Six-State) Truth Table (CW)
HU
HV
HW
UH
VH
WH
UL
VL
WL
H
L
H
L
PWM
L
H
PWM
--------------------
L
H
L
L
L
L
PWM
H
L
PWM
--------------------
H
H
L
L
L
PWM
L
H
PWM
--------------------
L
H
L
PWM
L
L
PWM
--------------------
H
L
L
H
H
PWM
L
L
PWM
--------------------
L
H
L
L
H
L
PWM
L
L
PWM
--------------------
H
FGS
Number of pulse
H
12
L
4
CCW
Direction
H
CCW
L
CW
]
400
]
[
=
k
R
kHz
f
T
OSC
[



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com