Electronic Components Datasheet Search
  English  ▼

X  

AOSS21115C Datasheet(PDF) 3 Page - Alpha & Omega Semiconductors

Part # AOSS21115C
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOSS21115C Datasheet(HTML) 3 Page - Alpha & Omega Semiconductors

  AOSS21115C Datasheet HTML 1Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 2Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 3Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 4Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AOSS21115C
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
0
5
10
15
20
25
0
1
2
3
4
5
-V
GS (Volts)
Figure 2: Transfer Characteristics (Note E)
20
30
40
50
60
70
0
2
4
6
8
-I
D (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
-V
SD (Volts)
Figure 6: Body-Diode Characteristics
(Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
V
GS=-2.5V
I
D=-4A
V
GS=-4.5V
I
D=-4.5A
0
20
40
60
80
100
120
140
1
1.5
2
2.5
3
3.5
4
4.5
-V
GS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
V
DS=-5V
V
GS=-4.5V
V
GS=-2.5V
I
D=-4.5A
25°C
125°C
0
10
20
30
40
0
1
2
3
4
5
-V
DS (Volts)
Figure 1: On-Region Characteristics (Note E)
V
GS=-1V
-2.5V
-4.5V
-3V
V
GS=-1.8V
I
D=-3.5A
-2V
-1.5V
V
GS=-1.8V
Rev.1.0: March 2019
www.aosmd.com
Page 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com