Electronic Components Datasheet Search
  English  ▼

X  

AOSS21115C Datasheet(PDF) 4 Page - Alpha & Omega Semiconductors

Part # AOSS21115C
Description  20V P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AOSMD [Alpha & Omega Semiconductors]
Direct Link  http://www.aosmd.com
Logo AOSMD - Alpha & Omega Semiconductors

AOSS21115C Datasheet(HTML) 4 Page - Alpha & Omega Semiconductors

  AOSS21115C Datasheet HTML 1Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 2Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 3Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 4Page - Alpha & Omega Semiconductors AOSS21115C Datasheet HTML 5Page - Alpha & Omega Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
AOSS21115C
TYPICAL ELECTRICAL AND THERMAL CHARACTERISTICS
1
10
100
1000
10000
1E-05
0.001
0.1
10
1000
Pulse Width (s)
Figure 10: Single Pulse Power Rating Junction-to-
Ambient (Note F)
0
1
2
3
4
5
0
2
4
6
8
10
Q
g (nC)
Figure 7: Gate-Charge Characteristics
0
300
600
900
1200
1500
0
5
10
15
20
-V
DS (Volts)
Figure 8: Capacitance Characteristics
C
iss
0.001
0.01
0.1
1
10
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
Pulse Width (s)
Figure 11: Normalized Maximum Transient Thermal Impedance (Note F)
C
oss
C
rss
V
DS=-10V
I
D=-4.5A
Single Pulse
D=T
on/T
T
J,PK=TA+PDM.Z
qJA.RqJA
T
on
T
P
DM
In descending order
D=0.5, 0.3, 0.1, 0.05, 0.02, 0.01, single pulse
T
J(Max)=150°C
T
A=25°C
10
ms
0.0
0.1
1.0
10.0
100.0
0.01
0.1
1
10
100
-V
DS (Volts)
V
GS> or equal to -1.8V
Figure 9: Maximum Forward Biased
Safe Operating Area (Note F)
10
ms
1ms
DC
R
DS(ON)
limited
T
J(Max)=150°C
T
A=25°C
100
ms
10ms
RqJA=125°C/W
100ms
Rev.1.0: March 2019
www.aosmd.com
Page 4 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com