Electronic Components Datasheet Search
  English  ▼

X  

944L Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # 944L
Description  Type 944L Low Inductance DC Link Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944L Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  944L Datasheet HTML 1Page - Cornell Dubilier Electronics 944L Datasheet HTML 2Page - Cornell Dubilier Electronics 944L Datasheet HTML 3Page - Cornell Dubilier Electronics 944L Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
CDE Cornell Dubilier • 1661 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Ratings
Typical Performance Curves
Catalog
Part Number
Cap
(µF)
Voltage
(Vdc)
H
Height
(mm)
Case Area
(mm2)
Typical
ESR 10kHz
(mΩ)
Typical
ESL
(nH)
Current
T
A=55 °C
Irms
(A)
Thermal Resistance
Resonant
Frequency
(kHz)
Θcc
(ºC/W)
Θca
(ºC/W)
944L101K801AA*
100
800
40
21835
0.5
10
90
1.9
3.8
160
944L161K801AB*
160
800
51
24755
0.6
12
84
2.1
3.4
115
944L221K801AC*
220
800
64
28206
0.7
15
78
2.4
3.0
88
944L660K102AA*
66
1000
40
21835
0.5
10
90
1.9
3.8
196
944L101K102AB*
100
1000
51
24755
0.7
12
77
2.1
3.4
146
944L141K102AC*
140
1000
64
28206
0.8
15
73
2.4
3.0
110
944L470K122AA*
47
1200
40
21835
0.6
10
82
1.9
3.8
233
944L700K122AB*
70
1200
51
24755
0.8
12
72
2.1
3.4
174
944L101K122AC*
100
1200
64
28206
0.9
15
69
2.4
3.0
130
944L330K142AA*
33
1400
40
21835
0.7
10
84
0.9
3.8
278
944L520K142AB*
52
1400
51
24755
0.9
12
68
2.1
3.4
202
944L700K142AC*
70
1400
64
28206
1.0
15
65
2.4
3.0
156
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
100
1000
10000
100000
Frequency (Hz)
160 µF 800 Vdc ESR vs Frequency and Temperature
85°C
65°C
45°C
25°C
0°C
-20°C
-40°C
Type 944L Low Inductance DC Link Capacitors
For Fast-switching Inverter Applications
0
10
20
30
40
50
60
70
80
90
100
10
100
1000
10000
100000
Frequency (Hz)
160 µF 800 Vdc Rated Ripple Current, Still Air, 5kh Life
45°C
55°C
65°C
75°C
85°C
NOTE: Other ratings, sizes and performance specifications are available. Contact us.
* M = M8 Stud I = M5 Insert



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com