Electronic Components Datasheet Search
  English  ▼

X  

944L Datasheet(PDF) 1 Page - Cornell Dubilier Electronics

Part # 944L
Description  Type 944L Low Inductance DC Link Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944L Datasheet(HTML) 1 Page - Cornell Dubilier Electronics

  944L Datasheet HTML 1Page - Cornell Dubilier Electronics 944L Datasheet HTML 2Page - Cornell Dubilier Electronics 944L Datasheet HTML 3Page - Cornell Dubilier Electronics 944L Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
20 ±0.5 mm
H ±0.5 mm
5 mm
6 ±0.5 mm
45 ±1 mm
84.5 ±0.5 mm
101 mm
M8 x 20mm
Max Torque 8.5Nm
6 ±0.5 mm
45 ±1 mm
H ±0.5 mm
5 mm
84.5 ±0.5 mm
5.5
Max Torque 3Nm
71.4 mm
90°
M5 x 7.5mm
Max Torque 2.5Nm
M5 Insert
Terminal
M8 Stud
Terminal
15 mm
Dimensions
CDE Cornell Dubilier • 1661 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Type 944L Low Inductance DC Link Capacitors
For Fast-switching Inverter Applications
Type 944L DC Link capacitors are specifically designed for fast
switching power conversion applications. Their low inductance
construction and low-loss winding technology make them ideal for
the next generation of high power-dense inverter and converter
designs. Their rugged plastic case with integrated mounting flanges,
threaded stud or insert termination options, allow for easy, secure
mounting. This series is ideal for DC Fast EV Charging and for high
power solar inverters and motor drives.
Highlights
• Designed for higher switching frequencies
• Up to 60% lower ESL (Equivalent Series Inductance)
• High ripple current
• M8 threaded stud and M5 insert termination options
• Integrated mounting flanges
Specifications
Capacitance Range
33 to 220 µF
Capacitance Tolerance
±10% standard
Rated Voltage
800 to 1400 Vdc
Operating Temperature Range
-40 ºC to 85 ºC
Maximum rms Current
90A @ 55°C
Maximum rms Voltage
230 Vac
Test Voltage between Terminal @ 25ºC
150% rated DC voltage for 10 s
Test Voltage between Terminals & Case @ 25ºC
4 kVac @ 50/60 Hz for 60 s
Life Test
5000 h @ 85 ºC, rated voltage
Regulatory Information
Construction Details
Case Material
Plastic UL94V-0
Resin Material
Dry Resin UL94V-0
Terminal Material Tin Plated Brass
UL Recognized E128034
construction only - unprotected
Part Numbering System
944L
101
K
801
A
A
M
Type
Capacitance
Tolerance
Voltage
Diameter D (mm) Height H (mm)
Terminal
944L
101 = 100 µF
K = ±10%
801 = 800 Vdc
A = 84.5
A = 40
M = M8 Thd Stud
700 = 70 µF
102 = 1000 Vdc
B = 51
I = M5 Thd Insert
470 = 47 µF
122 = 1200 Vdc
C = 64
142 = 1400 Vdc


Similar Part No. - 944L

ManufacturerPart #DatasheetDescription
logo
General Electric Compan...
9440 GEC-9440 Datasheet
232Kb / 1P
INDUSTRIAL
logo
Keystone Electronics Co...
9440 KEYSTONE-9440 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
logo
Alpha Wire
9440 ALPHAWIRE-9440 Datasheet
404Kb / 3P
40 (7/48) AWG Tinned Copper Alloy
logo
Broadcom Corporation.
9440-8I BOARDCOM-9440-8I Datasheet
594Kb / 3P
MegaRAID 9400 Series Tri-Mode Storage Adapters
logo
Keystone Electronics Co...
9441 KEYSTONE-9441 Datasheet
130Kb / 1P
MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 944L

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
947C361K801CAMS CDE-947C361K801CAMS Datasheet
380Kb / 4P
Type 947C High Capacitance, High Current, DC Link Capacitors
logo
AVX Corporation
0508YC224KAT2W AVX-0508YC224KAT2W Datasheet
321Kb / 4P
Low Inductance Capacitors
logo
List of Unclassifed Man...
BLC300J901B4E ETC1-BLC300J901B4E Datasheet
294Kb / 4P
Type BLC Polypropylene Board Mount DC Link Capacitors
logo
AVX Corporation
LG126Z473MAT2S1 AVX-LG126Z473MAT2S1 Datasheet
370Kb / 4P
Low Inductance Capacitors
logo
Vincotech
10-PZ12NMA027ME-M340F63Y VINCOTECH-10-PZ12NMA027ME-M340F63Y Datasheet
3Mb / 28P
Ultra Low Inductance with Integrated DC-capacitors
10-PZ12NMA027MR-M340F68Y VINCOTECH-10-PZ12NMA027MR-M340F68Y Datasheet
668Kb / 6P
Ultra Low Inductance with Integrated DC-capacitors
10-PZ123BA080ME-M909L18Y VINCOTECH-10-PZ123BA080ME-M909L18Y Datasheet
579Kb / 16P
Ultra Low Inductance with integrated DC-capacitors
10-PZ123BA080MR-M909L28Y VINCOTECH-10-PZ123BA080MR-M909L28Y Datasheet
574Kb / 16P
Ultra Low Inductance with integrated DC-capacitors
logo
Cornell Dubilier Electr...
947C CDE-947C Datasheet
316Kb / 8P
Polypropylene, DC Link Capacitors
logo
Kemet Corporation
C4DE KEMET-C4DE Datasheet
263Kb / 1P
LOW INDUCTANCE CAPACITORS DC-LINK APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com