Electronic Components Datasheet Search
  English  ▼

X  

944L Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # 944L
Description  Type 944L Low Inductance DC Link Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

944L Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  944L Datasheet HTML 1Page - Cornell Dubilier Electronics 944L Datasheet HTML 2Page - Cornell Dubilier Electronics 944L Datasheet HTML 3Page - Cornell Dubilier Electronics 944L Datasheet HTML 4Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
CDE Cornell Dubilier • 1661 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
Expected Lifetime Predictions
Expected Lifetime vs Hot Spot Temperature and Applied DC Voltage
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1000
10000
100000
1000000
Expected Lifetime (h)
50ºC
60ºC
70ºC
85ºC
C (µF)
ESR (mΩ)
f (kHz)
I (A
rms)
T
A (°C)
T
C (°C)
Θ (°C/W)
Θ
CA (°C/W)
Θ
CC (°C/W)
v (m/s)
V
A (VDC)
V
R (VDC)
Determine ESR at Operating Frequency
Use the 10 kHz ESR from the ratings tables.
For operation below 10 kHz, the ESR will need to be adjusted using the following
equation: ESR - 31.83/(10C) + 31.83/(fC).
Determine Thermal Resistance at Operating Frequency and Air Flow
Compute Θ = Θ
CC + ΘCA. In the ratings tables, ΘCA is for still air. For v = 0 to 5 m/s,
multiply Θ
CA by [(5 + 17.6(0.1
0.66
)) / (5 + 17.6(v + 0.1)0.66)]
Determine Expected Lifetime
Look up Expected Lifetime on the graph using V
A/VR and TC = TA + I
2
(ESR/1000) Θ
The maximum allowed temperature rise is 40 °C and the maximum allowed core
temperature is 95 °C.
Capacitance:
Equivalent Series Resistance:
Frequency:
Ripple Current:
Ambient Temperature:
Core Temperature:
Total Thermal Resistance:
Thermal Resistance case-to-ambient:
Thermal Resistance core-to-case:
Airflow Speed:
Applied Voltage:
Rated Voltage:
Type 944L Low Inductance DC Link Capacitors
For Fast-switching Inverter Applications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com