Electronic Components Datasheet Search
  English  ▼

X  

G9KA Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # G9KA
Description  High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KA Datasheet(HTML) 7 Page - Omron Electronics LLC

  G9KA Datasheet HTML 1Page - Omron Electronics LLC G9KA Datasheet HTML 2Page - Omron Electronics LLC G9KA Datasheet HTML 3Page - Omron Electronics LLC G9KA Datasheet HTML 4Page - Omron Electronics LLC G9KA Datasheet HTML 5Page - Omron Electronics LLC G9KA Datasheet HTML 6Page - Omron Electronics LLC G9KA Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
7
G9KA
PCB Power Relays
G
9
K
A
Please check each region's Terms & Conditions by region website.
OMRON Corporation
Device & Module Solutions Company
Regional Contact
Cat. No. K335-E1-06
1222 (0221)
Americas
Europe
https://components.omron.com/us
https://components.omron.com/eu
Asia-Pacific
China
https://components.omron.com/ap
https://components.omron.com.cn
Korea
Japan
https://components.omron.com/kr
https://components.omron.com/jp
In the interest of product improvement, specifications are subject to change without notice.
© OMRON Corporation 2021-2022 All Rights Reserved.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com