Electronic Components Datasheet Search
  English  ▼

X  

G9KA Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # G9KA
Description  High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KA Datasheet(HTML) 5 Page - Omron Electronics LLC

  G9KA Datasheet HTML 1Page - Omron Electronics LLC G9KA Datasheet HTML 2Page - Omron Electronics LLC G9KA Datasheet HTML 3Page - Omron Electronics LLC G9KA Datasheet HTML 4Page - Omron Electronics LLC G9KA Datasheet HTML 5Page - Omron Electronics LLC G9KA Datasheet HTML 6Page - Omron Electronics LLC G9KA Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
G9KA
PCB Power Relays
G
9
K
A
Approval Standard
UL Recognized:
(File No. E41515)
EN/IEC, TÜV Certificated:
(Certificate No. R50459726)
CQC Certificated:
(Certificate No. CQC20002275617)
G9KA-1A
G9KA-1A-E
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KA-1A
SPST-NO (1a)
12, 24 VDC
800 VAC 50 A (Resistive) at 85°C
30,000
800 VAC 50 A switch on,
200 A carry current, 50 A switch off at 85°C
30,000
G9KA-1A-E
SPST-NO (1a)
12, 24 VDC
1,000 VAC making 50 A, carrying 300 A,
breaking 50 A at 85°C
30,000
1,000 VAC making 50 A, carrying 300 A,
breaking 50 A at 85°C
10
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KA-1A
SPST-NO (1a)
12, 24 VDC
800 VAC 50 A (Resistive) at 85°C
30,000
carrying 200 A at 85°C
-
G9KA-1A-E
SPST-NO (1a)
12, 24 VDC
1,000 VAC making 50 A, carrying 300 A,
breaking 50 A at 85°C
30,000
1,000 VAC making 50 A, carrying 300 A,
breaking 50 A at 85°C
10
Model
Contact form
Coil ratings
Contact ratings
Number of test operations
G9KA-1A
SPST-NO (1a)
12, 24 VDC
800 VAC 50 A (Resistive) at 85°C
30,000
carrying 200 A at 85°C
-
G9KA-1A-E
SPST-NO (1a)
12, 24 VDC
1,000 VAC making 50 A, carrying 300 A,
breaking 50 A at 85°C
30,000
1,000 VAC making 50 A, carrying 300 A,
breaking 50 A at 85°C
10
Creepage distance (required value)
12.5 mm min. (IEC/UL)
Clearance (required value)
8 mm min. (IEC/UL)
Insulation material group
III
Type of insulation
coil-contact circuit
Basic (800 V, OV-cat. III, up to 2,000 m above sea level)
Basic (800 V, OV-cat. II, up to 4,000 m above sea level)
open contact circuit
Micro disconnection
Rated insulation system
800 V
Pollution degree
3
Rated voltage system
800 V
Category of protection (IEC61810-1)
RTII
Flammability class (UL94)
V-0
Coil insulation system (UL)
Class F
Creepage distance (required value)
16 mm min. (IEC/UL)
Clearance (required value)
8 mm min. (IEC/UL)
Insulation material group
III
Type of insulation
coil-contact circuit
Basic (1,000 V, OV-cat. III, up to 2,000 m above sea level)
Basic (1,000 V, OV-cat. II, up to 4,000 m above sea level)
open contact circuit
Micro disconnection
Rated insulation system
1,000 V
Pollution degree
3
Rated voltage system
1,000 V
Category of protection (IEC61810-1)
RTII
Flammability class (UL94)
V-0
Coil insulation system (UL)
Class F



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com