Electronic Components Datasheet Search
  English  ▼

X  

G9KA Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # G9KA
Description  High Power and Temperature Type Power Relay with 800 VAC 200 A / 1,000 VAC 300 A Breaking and Ultra-Low Contact Resistance
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G9KA Datasheet(HTML) 4 Page - Omron Electronics LLC

  G9KA Datasheet HTML 1Page - Omron Electronics LLC G9KA Datasheet HTML 2Page - Omron Electronics LLC G9KA Datasheet HTML 3Page - Omron Electronics LLC G9KA Datasheet HTML 4Page - Omron Electronics LLC G9KA Datasheet HTML 5Page - Omron Electronics LLC G9KA Datasheet HTML 6Page - Omron Electronics LLC G9KA Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
G9KA
PCB Power Relays
G
9
K
A
Dimensions
(Unit:mm)
Please visit our website, which is noted on the last page.
CAD Data
(BOTTOM VIEW)
(BOTTOM VIEW)
PCB Mounting Holes
Terminal Arrangement/
Internal Connections
(No coil polarity)
*Average value
Tolerance ±0.1
2
2-4
2-4
2
31
30.8
51.0 MAX.
(50) *
51.0 MAX.
(50) *
47.2 MAX.
(46.2) *
21.6
12.7
2-0.8
2-3
31
15
15
30.8
2-4.0×16.0
8-R0.5 MIN.
2-1.8×3.0
8-R0.5 MIN.
34.3
12.7
1
23
4
Standard type
CAD Data
G9KA-1A
Terminal Arrangement/
Internal Connections
2
2-4.5
2-4.5
2
PCB Mounting Holes
(BOTTOM VIEW)
(No coil polarity)
* Average value
31
31.7
51.0 MAX.
(50) *
56.7 MAX.
(55.7) *
51.0 MAX.
(50) *
54.5 MAX.
(53.5) *
21.6
12.7
2-0.8
2-3
31
24
24
31.7
2-3.8×26.0
8-R0.5 MIN.
2-1.8×3.0
8-R0.5 MIN.
Tolerance ±0.1
34.3
12.7
1
23
4
(BOTTOM VIEW)
CAD Data
G9KA-1A-E



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com