Electronic Components Datasheet Search
  English  ▼

X  

RKK Datasheet(PDF) 1 Page - Recom International Power

Part # RKK
Description  1 Watt SIP7 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKK Datasheet(HTML) 1 Page - Recom International Power

  RKK Datasheet HTML 1Page - Recom International Power RKK Datasheet HTML 2Page - Recom International Power RKK Datasheet HTML 3Page - Recom International Power RKK Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-1
DC/DC Converter
1 Watt
SIP7
Single Output
E224736
Description
The RKK DC/DC converters are typically used in cost sensitive general purpose power isolation and
voltage matching applications. Despite their low cost, they are fully specified converters with 4kVdc
isolation, industrial operating temperature range of -40°C to +105°C without derating and UL/EN
certifications.
Features
Unregulated
Converters
• Low cost
• 1:1 Input voltage range
• Efficiency up to 82%
• 4kVDC/1 second isolation
• IEC/EN/UL 62368-1 certified
• -40°C to +105°C
RKK
Selection Guide
Part
Input
Output
Output
Efficiency
max. Capacitive
Number
Voltage
Voltage
Current
typ. (1)
Load (2)
[VDC]
[VDC]
[mA]
[%]
[µF]
RKK-0505S/H
5
5
200
82
3000
Notes:
Note1: Efficiency is tested at nominal input and full load at +25°C ambient
Note2: Max Cap Load is tested at nominal input and full resistive load
Model Numbering
Isolation
Single
Input Voltage
Output Voltage
RKK-05 05 S/H
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
REACH
compliant
C
O
M
CONVER
T
M
P
LIA
NT PRO
D
U
RoHS 2+
compliant
10 from 10
UL62368-1 certified
CAN/CSA-C22.2 No. 62368-1 certified
IEC/EN62368-1 certified
EN55032 compliant
CB Report
BASIC CHARACTERISTICS
Parameter
Condition
Min.
Typ.
Max.
Internal Input Filter
internal capacitors
Input Voltage Range
±10%
Absolute Maximum Input Voltage (3)
6VDC
Input Current
240mA
Minimum Load
0%
Start-up Time
50ms
Internal Operating Frequency
1MHz
Output Ripple and Noise (4)
20MHz BW
60mVp-p
continued on next page
Notes:
Note3: An 4.7µF/10V MLCC at input terminal is recommended if transient input voltage above 6VDC.
Note4: Measurements are made with a 0.1µF MLCC across output. (low ESR)
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)


Similar Part No. - RKK

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RKK-4-112 MINI-RKK-4-112 Datasheet
429Kb / 3P
Frequency Multiplier
RKK-4-112+ MINI-RKK-4-112+ Datasheet
429Kb / 3P
Frequency Multiplier
RKK-4-23 MINI-RKK-4-23 Datasheet
406Kb / 2P
Frequency Multiplier
RKK-4-23+ MINI-RKK-4-23+ Datasheet
406Kb / 2P
Frequency Multiplier
RKK-4-252 MINI-RKK-4-252 Datasheet
417Kb / 3P
Frequency Multiplier
More results

Similar Description - RKK

ManufacturerPart #DatasheetDescription
logo
Recom International Pow...
RO-1.81.8S RECOM-RO-1.81.8S Datasheet
101Kb / 3P
1 Watt SIP4 & SIP7 Single Output
RP-3.305S RECOM-RP-3.305S Datasheet
102Kb / 3P
1 Watt SIP7 SIP7 Single & Dual Output
RY-0505SCP RECOM-RY-0505SCP_06 Datasheet
95Kb / 3P
1 Watt SIP7 Single & Dual Output
RE RECOM-RE Datasheet
98Kb / 2P
1 Watt SIP7 Single Output
RB-3.305S-E RECOM-RB-3.305S-E Datasheet
84Kb / 2P
1 Watt SIP7 Single Output
REE-0505S RECOM-REE-0505S_15 Datasheet
83Kb / 2P
1 Watt SIP7 Single Output
REM1 RECOM-REM1 Datasheet
481Kb / 5P
1 Watt SIP7 Single Output
RFB RECOM-RFB Datasheet
381Kb / 4P
1 Watt SIP7 Single Output
RFMM RECOM-RFMM Datasheet
442Kb / 4P
1 Watt SIP7 Single Output
RYK RECOM-RYK Datasheet
752Kb / 5P
1 Watt SIP7 Single Output
REV.: 0/2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com