Electronic Components Datasheet Search
  English  ▼

X  

RKK Datasheet(PDF) 3 Page - Recom International Power

Part # RKK
Description  1 Watt SIP7 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKK Datasheet(HTML) 3 Page - Recom International Power

  RKK Datasheet HTML 1Page - Recom International Power RKK Datasheet HTML 2Page - Recom International Power RKK Datasheet HTML 3Page - Recom International Power RKK Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-3
DC/DC Converter
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
RKK
Series
ENVIRONMENTAL
Parameter
Condition
Value
Operating Temperature Range
@ natural convection 0.1m/s
full load
-40°C to +105°C
Maximum Case Temperature
120°C
Operating Altitude
2000m
Operating Humidity
non-condensing
95% RH max.
Pollution Degree
PD2
MTBF
according to MIL-HDBK-217F, G.B.
+85°C
2500 x 10³ hours
Derating Graph
(@ Chamber and natural convection 0.1m/s)
-40
-20
0
20
40
70
60
-30
-10
10
30
50
80 90
120
100
105
110
100
80
60
40
90
70
50
30
20
10
0
Ambient Temperature [°C]
SAFETY AND CERTIFICATIONS
Certificate Type (Safety)
File Number
Standard
Audio/video, information and communication technology equipment. Safety requirements
E518942-A6001-UL
UL62368-1:2014
CAN/CSA-C22.2 No. 62368-1:2014
Audio/Video, information and communication technology equipment - Part1: Safety requirements
(CB Scheme)
E518942-A6001-CB-1
IEC62368-1:2014 2nd Edition
Audio/Video, information and communication technology equipment - Part1: Safety requirements
EN62368-1:2014 + A11:2017
RoHS2
RoHS-2011/65/EU + AM-2015/863
EMC Compliance
Condition
Standard / Criterion
Electromagnetic compatibility of multimedia equipment – Emission Requirements
with external filter
refer to
“EMC Filtering”
EN55032
Suggestions according to EN55032
EMC Filtering
L
1
CMC
1
C
1
+Vin
-Vin
+Vout
-Vout
C
4
C
3
C
2
+V
out
+V
in
-V
out
-V
in
Component List Class A
C2
L1
C3,C4
10µF
RLS-226, 22µH
470pF
Component List Class B
C1,C2
CMC1
L1
C3,C4
10µF
9µH
RLS-226, 22µH
470pF



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com