Electronic Components Datasheet Search
  English  ▼

X  

RKK Datasheet(PDF) 2 Page - Recom International Power

Part # RKK
Description  1 Watt SIP7 Single Output
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECOM [Recom International Power]
Direct Link  http://www.recom-international.com
Logo RECOM - Recom International Power

RKK Datasheet(HTML) 2 Page - Recom International Power

  RKK Datasheet HTML 1Page - Recom International Power RKK Datasheet HTML 2Page - Recom International Power RKK Datasheet HTML 3Page - Recom International Power RKK Datasheet HTML 4Page - Recom International Power  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.recom-power.com
REV.: 0/2023
ECO-2
DC/DC Converter
RKK
Series
Specifications (measured @ Ta= 25°C, nom. Vin, full load and after warm-up unless otherwise stated)
REGULATIONS
Parameter
Condition
Value
Output Accuracy
±5.0% max.
Line Regulation
low line to high line, full load
±2.0% max.
Load Regulation (5)
0% to 100% load
10% typ. 13% max.
10% to 100% load
7.0% max.
Efficiency vs. Load
Deviation vs. Load
Power Dissipation vs. Load
0
10
20
30
40
50
60
70
80
90
100
100
80
60
40
90
70
50
30
20
10
0
Output Load [%]
4.5VDC
5VDC
5.5VDC
0.25
0.2
0.1
0.15
0.05
0
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5VDC
5VDC
5.5VDC
10
4
0
-6
8
6
2
-4
-2
-8
-10
0
10
20
30
40
50
60
70
80
90
100
Output Load [%]
4.5VDC
5VDC
5.5VDC
PROTECTIONS
Parameter
Type
Value
Short Circuit Protection (SCP)
below 100m
Ω
auto recovery
Isolation Voltage (6)
I/P to O/P
tested for 1 second
4kVDC
tested for 1 minute
3kVDC
Isolation Resistance
I/P to O/P, VISO= 500VDC
1GΩ min.
Isolation Capacitance
I/P to O/P, 100kHz/0.1V
10pF typ.
Notes:
Note6: For repeat Hi-Pot testing, reduce the time and/or the test voltage
Notes:
Note5: Operation below 10% load will not arm the converter, but specifications may not be met



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com