| Electronic Components Datasheet Search |
|
TLE6266G Datasheet(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6266G Datasheet(HTML) 21 Page - Infineon Technologies AG |
|
21 / 50 page ![]() Target Datasheet TLE 6266 Version 1.06 22 2002-11-26 Figure 8 Cyclic Wake with CAN Message Wake-up 7.2 Wake-Up via Wake Pin CANL is pulled to Vs. A signal transition at the wake pin WK from LOW to HIGH (rising edge) causes a wake up and automatic transition into the cyclic HS ON mode (see Figure 9). HS3 is activated again and also the long open window of the watchdog mechanism. The watchdog has to be triggered correctly from that time on. If the signal at the PWM pin makes a HIGH to LOW transition, the device switches to HS OFF again. This wake up via the wake pin is comming from an external circuitry (switch, etc.) and is not flagged by the RxD. Normal Mode Cyclic HS ON Cyclic HS OFF SPI cyclic HS ON Mode State SPI word* t CANL PWM HS3 t t t t Watchdog trigger bit =SPI bit0** SPI normal mode PWM trigger Window watchdog*** CSN, Normal Mode closed window open window open window closed window long open window Cyclic HS ON Bus Wake trigger long open window Cyclic HS ON closed window open window closed window open window missing trigger = timeout = Watchdog Reset t long open window Normal Mode Vbat Stdby CAN Bus message PWM trigger Input filtering time t IFT Watchdog reset pulse time t WDR ** bit0 is transfered with the SPI input word BUT the watchdog trigger is set, after readout of the SPI input bit = CSN LOW to HIGH (see arrows at CSN signal) * for the exact timing relations between CSN and SPI-DI and -DO word please look at datasheet fig. 11,12,13,14,15 *** for a correct watchdog triggering: closed window must always exceed 12 cycles open window is max. 20 cycles long open window is max. 128 cycles otherwise a watchdog reset will be generated SPI normal mode SPI cyclic HS ON CANH Vcc Vs |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |