| Electronic Components Datasheet Search |
|
TLE6266G Datasheet(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE6266G Datasheet(HTML) 22 Page - Infineon Technologies AG |
|
22 / 50 page ![]() Target Datasheet TLE 6266 Version 1.06 23 2002-11-26 Figure 9 Cyclic Wake with Wake Pin 7.3 Wake-Up Cyclic Wake Autotiming Function CANL is pulled to Vs. After the transition from HS ON to HS OFF, an autotiming function is started. This is a timer controled by the internal oscillator, which can be programed by SPI IBit 12,13. If the timer exceeds the programed time this causes a wake up and automatic transition into the cyclic HS ON mode (see Figure 10). HS3 is activated again and also the long open window of the watchdog mechanism. The watchdog has to be triggered correctly from that time on. If the signal at the PWM pin makes a HIGH to LOW transition, the device switches to HS OFF again. This wake up via the autotiming function is not flagged to the µC by setting the RxD pin. Normal Mode Cyclic HS ON Cyclic HS OFF SPI cyclic HS ON Mode State SPI word* t Wake PWM HS3 t t t t Watchdog trigger bit =SPI bit0** SPI normal mode PWM trigger Window watchdog*** CSN, Normal Mode closed window open window open window closed window long open window Cyclic HS ON Wake event long open window Cyclic HS ON closed window open window closed window open window missing trigger = timeout = Watchdog Reset t long open window Normal Mode Vbat Stdby wake trigger PWM trigger Input filtering time t IFT Watchdog reset pulse time t WDR ** bit0 is transfered with the SPI input word BUT the watchdog trigger is set, after readout of the SPI input bit = CSN LOW to HIGH (see arrows at CSN signal) * for the exact timing relations between CSN and SPI-DI and -DO word please look at datasheet fig. 11,12,13,14,15 *** for a correct watchdog triggering: closed window must always exceed 12 cycles open window is max. 20 cycles long open window is max. 128 cycles otherwise a watchdog reset will be generated SPI normal mode SPI cyclic HS ON |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |