Electronic Components Datasheet Search
  English  ▼

X  

DS4550 Datasheet(PDF) 5 Page - Dallas Semiconductor

Part # DS4550
Description  I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4550 Datasheet(HTML) 5 Page - Dallas Semiconductor

  DS4550 Datasheet HTML 1Page - Dallas Semiconductor DS4550 Datasheet HTML 2Page - Dallas Semiconductor DS4550 Datasheet HTML 3Page - Dallas Semiconductor DS4550 Datasheet HTML 4Page - Dallas Semiconductor DS4550 Datasheet HTML 5Page - Dallas Semiconductor DS4550 Datasheet HTML 6Page - Dallas Semiconductor DS4550 Datasheet HTML 7Page - Dallas Semiconductor DS4550 Datasheet HTML 8Page - Dallas Semiconductor DS4550 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
I2C and JTAG Nonvolatile 9-Bit I/O
Expander Plus Memory
_____________________________________________________________________
5
SUPPLY CURRENT
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4.5
4
3.5
3
0.5
1
1.5
2
0
2.5
5.5
I/O0-I/O7 CONTROL BITS = 0
I/O0-I/O7 PULLUPS DISABLED
VCC = SDA = SCL = TCK
SUPPLY CURRENT
vs. TEMPERATURE
TEMPERATURE (°C)
80
60
40
20
0
-20
0.5
1
1.5
2
2.5
0
-40
VCC = SDA = SCL = 5.5V = TCK
VCC = SDA = SCL = 2.7V = TCK
I/O0-I/O7 CONTROL BITS = 0
I/O0-I/O7 PULLUPS DISABLED
SUPPLY CURRENT
vs. SCL FREQUENCY
SCL FREQUENCY (kHz)
300
200
100
2
4
6
8
10
12
14
16
18
20
0
0400
VCC = SDA = TCK = 5.0V
VCC = SDA = TCK = 2.7V
SUPPLY CURRENT
vs. TCK FREQUENCY
TCK FREQUENCY (kHz)
1750
1500
1250
1000
750
500
250
5
10
15
20
25
0
02000
VCC = 5.0V
VCC = 2.7V
SDA = SCL = VCC
I/O OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5
4
3
2
1
1
2
3
4
5
0
0
PULL-UPS ENABLED
PULL-DOWNS DISABLED
HIGH IMPEDANCE
EEPROM RECALL AT VPOR
Typical Operating Characteristics
(VCC = +5.0V, TA = +25°C; TDI, TDO, TMS pins are no connects, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com