Electronic Components Datasheet Search
  English  ▼

X  

DS4550 Datasheet(PDF) 2 Page - Dallas Semiconductor

Part # DS4550
Description  I2C and JTAG Nonvolatile 9-Bit I/O Expander Plus Memory
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS4550 Datasheet(HTML) 2 Page - Dallas Semiconductor

  DS4550 Datasheet HTML 1Page - Dallas Semiconductor DS4550 Datasheet HTML 2Page - Dallas Semiconductor DS4550 Datasheet HTML 3Page - Dallas Semiconductor DS4550 Datasheet HTML 4Page - Dallas Semiconductor DS4550 Datasheet HTML 5Page - Dallas Semiconductor DS4550 Datasheet HTML 6Page - Dallas Semiconductor DS4550 Datasheet HTML 7Page - Dallas Semiconductor DS4550 Datasheet HTML 8Page - Dallas Semiconductor DS4550 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
I2C and JTAG Nonvolatile 9-Bit I/O
Expander Plus Memory
2
_____________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
RECOMMENDED OPERATING CONDITIONS
(TA = -40°C to +85°C)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Voltage on VCC, SDA, and SCL Pins
Relative to Ground.............................................-0.5V to +6.0V
Voltage on A0, A1, A2, TCK, TMS, TDI, and I/O_n [n = 0 to 8]
Relative to Ground ...................................-0.5V to VCC + 0.5V,
not to exceed +6.0V.
Operating Temperature Range ...........................-40°C to +85°C
EEPROM Programming Temperature Range .........0°C to +70°C
Storage Temperature Range .............................-55°C to +125°C
Soldering Temperature .....................See IPC/JEDEC J-STD-020
Specification
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
(Note 1)
+2.7
+5.5
V
Input Logic 1
VIH
0.7 x
VCC
VCC +
0.3
V
Input Logic 0
VIL
-0.3
0.3 x
VCC
V
DC ELECTRICAL CHARACTERISTICS
(VCC = +2.7V to +5.5V, TA = -40°C to +85°C, unless otherwise noted.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Standby Current
ISTBY
(Note 2)
2
10
µA
Input Leakage
IL
-1.0
+1.0
µA
Input Current each I/O pin
II/O
0.4 < VI/O < 0.9 x VCC
-1.0
+1.0
µA
3mA sink current
0.4
Low-Level Output Voltage (SDA)
VOL SDA
6mA sink current
0.6
V
I/O Pins Low-Level Output
Voltage
VOL I/O
16mA sink current
0.4
V
Low-Level Output Voltage (TDO)
VOL TDO
4mA sink current
0.4
V
High-Level Output Voltage (TDO)
VOH TDO
1mA source current
2.4
V
I/O Pin Pullup Resistors
RPU
4.0
5.5
7.5
k
Ω
TMS, TDI Pullup Resistors
RJPU
7.5
10
12.5
k
Ω
I/O Capacitance
CI/O
(Note 3)
10
pF
Power-On Reset Voltage
VPOR
1.6
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com