Electronic Components Datasheet Search
  English  ▼

X  

74HC583 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # 74HC583
Description  4-bit full adder with fast carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC583 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button 74HC583 Datasheet HTML 4Page - NXP Semiconductors 74HC583 Datasheet HTML 5Page - NXP Semiconductors 74HC583 Datasheet HTML 6Page - NXP Semiconductors 74HC583 Datasheet HTML 7Page - NXP Semiconductors 74HC583 Datasheet HTML 8Page - NXP Semiconductors 74HC583 Datasheet HTML 9Page - NXP Semiconductors 74HC583 Datasheet HTML 10Page - NXP Semiconductors 74HC583 Datasheet HTML 11Page - NXP Semiconductors 74HC583 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
1998 Mar 31
8
Philips Semiconductors
Product specification
4-bit full adder with fast carry
74HC/HCT583
AC CHARACTERISTICS FOR 74HCT
GND = 0 V; tr =tf = 6 ns; CL =50pF
SYMBOL PARAMETER
Tamb (°C)
UNIT
TEST CONDITIONS
74HCT
VCC
(V)
WAVEFORMS
+25
−40 to +85 −40 to +125
min.
typ.
max.
min.
max.
min.
max.
tPHL/ tPLH
propagation delay
CIN to ∑0
20
34
43
51
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to ∑1
40
68
85
102
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to ∑2
38
65
81
98
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to ∑3
38
65
81
98
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An or Bn to ∑0
22
37
46
56
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An or Bn to ∑1
43
73
91
110
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An or Bn to ∑2
40
68
85
102
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An or Bn to ∑3
41
70
88
105
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
CIN to Cn+4
27
46
58
69
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
An to Cn+4
31
53
66
80
ns
4.5
Fig.6
tPHL/ tPLH
propagation delay
Bn to Cn+4
30
51
64
77
ns
4.5
Fig.6
tTHL/ tTLH
output transition time
standard outputs
7
15
19
22
ns
4.5
Fig.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com