Electronic Components Datasheet Search
  English  ▼

X  

74HC583 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # 74HC583
Description  4-bit full adder with fast carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC583 Datasheet(HTML) 3 Page - NXP Semiconductors

  74HC583 Datasheet HTML 1Page - NXP Semiconductors 74HC583 Datasheet HTML 2Page - NXP Semiconductors 74HC583 Datasheet HTML 3Page - NXP Semiconductors 74HC583 Datasheet HTML 4Page - NXP Semiconductors 74HC583 Datasheet HTML 5Page - NXP Semiconductors 74HC583 Datasheet HTML 6Page - NXP Semiconductors 74HC583 Datasheet HTML 7Page - NXP Semiconductors 74HC583 Datasheet HTML 8Page - NXP Semiconductors 74HC583 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
1998 Mar 31
3
Philips Semiconductors
Product specification
4-bit full adder with fast carry
74HC/HCT583
ORDERING INFORMATION
TYPE
NUMBER
PACKAGE
NAME
DESCRIPTION
VERSION
74HC583
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HC583
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
74HCT583
DIP16
plastic dual in-line package; 16 leads (300 mil); long body
SOT38-1
74HCT583
SO16
plastic small outline package; 16 leads; body width 3.9 mm
SOT109-1
PIN DESCRIPTION
PIN NO.
SYMBOL
NAME AND FUNCTION
5CIN
carry input
6Cn+4
carry output
8
GND
ground (0 V)
11, 10, 7, 9
∑
0 to ∑3
sum outputs
12, 1, 2, 3
B0 to B3
B operand inputs
13, 14, 15, 4
A0 to A3
A operand inputs
16
VCC
positive supply voltage
Fig.1 Pin configuration.
handbook, halfpage
583
MGM851
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B1
B2
B3
A3
CIN
Cn + 4
∑2
GND
∑3
∑1
∑0
B0
A0
A1
A2
VCC
Fig.2 Logic symbol.
handbook, halfpage
MGM852
B1
B2
B3
A3
CIN
Cn + 4
∑2 ∑3
∑1
∑0
B0
A0
A1
A2
13
12
14
1
15
2
11
10
56
79
43
Fig.3 IEC logic symbol.
handbook, halfpage
MGM853
∑
P
Q
∑
(BCD)
13
12
14
1
15
3
0
2
11
10
5
6
7
9
0
3
0
3
4
3
C0
C1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com