Electronic Components Datasheet Search
  English  ▼

X  

74HC583 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # 74HC583
Description  4-bit full adder with fast carry
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC583 Datasheet(HTML) 2 Page - NXP Semiconductors

  74HC583 Datasheet HTML 1Page - NXP Semiconductors 74HC583 Datasheet HTML 2Page - NXP Semiconductors 74HC583 Datasheet HTML 3Page - NXP Semiconductors 74HC583 Datasheet HTML 4Page - NXP Semiconductors 74HC583 Datasheet HTML 5Page - NXP Semiconductors 74HC583 Datasheet HTML 6Page - NXP Semiconductors 74HC583 Datasheet HTML 7Page - NXP Semiconductors 74HC583 Datasheet HTML 8Page - NXP Semiconductors 74HC583 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
1998 Mar 31
2
Philips Semiconductors
Product specification
4-bit full adder with fast carry
74HC/HCT583
FEATURES
• Adds two decimal numbers
• Full internal look-ahead
• Fast ripple carry for economical expansion
• Output capability: standard driver
• ICC category: MSI
GENERAL DESCRIPTION
The 74HC/HCT583 are high-speed Si-gate CMOS devices
and are pin compatible with low power Schottky TTL
(LSTTL). They are specified in compliance with JECEC
standard no. 7A.
The 74HC/HCT583 are high-speed 4-bit BCD full adders
with internal carry look-ahead. They accept two 4-bit
decimal numbers (A0 to A3 and B0 to B3) and a carry input
(CIN).
The “583” generates the decimal sum outputs (
∑
0 to ∑3)
and a carry output (Cn+4) if the sum is greater than 9.
If an addition of two BCD numbers produce a number
greater than 9, a valid BCD number and a carry will result.
For input values larger than 9, the number is converted
from binary to BCD. Binary to BCD conversion occurs by
grounding one set of inputs, An or Bn and applying a 4-bit
binary number to the other set of inputs. If the input is
between 0 and 9, a BCD number occurs at the output.
If the binary input falls between 10 and 15, a carry term is
generated. Both the carry term and the sum are the BCD
equivalent of the binary input. Converting binary numbers
greater than 16 may be achieved by cascading “583s”.
See the “283” for the binary version.
QUICK REFERENCE DATA
GND = 0 V; Tamb=25 °C; tr =tf =6ns
Notes
1. CPD is used to determine the dynamic power dissipation (PD in µW):
PD =CPD × VCC2 × fi + ∑ (CL × VCC2 × fo) where:
fi = input frequency in MHz
fo = output frequency in MHz
∑ (CL × VCC2 × fo) = sum of outputs
CL = output load capacitance in pF
VCC = supply voltage in V
2. For HC the condition is VI = GND to VCC
For HCT the condition is VI = GND to VCC − 1.5 V
SYMBOL
PARAMETER
CONDITIONS
TYPICAL
UNIT
HC
HCT
tPHL/ tPLH
propagation delay
CL = 15 pF; VCC =5V
CIN to Cn+4
20
23
ns
An, Bn to Cn+4
23
27
ns
CI
input capacitance
3.5
3.5
pF
CPD
power dissipation capacitance per package
notes 1 and 2
116
120
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com