Electronic Components Datasheet Search
  English  ▼

X  

74HC595 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # 74HC595
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC595 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button 74HC595 Datasheet HTML 5Page - NXP Semiconductors 74HC595 Datasheet HTML 6Page - NXP Semiconductors 74HC595 Datasheet HTML 7Page - NXP Semiconductors 74HC595 Datasheet HTML 8Page - NXP Semiconductors 74HC595 Datasheet HTML 9Page - NXP Semiconductors 74HC595 Datasheet HTML 10Page - NXP Semiconductors 74HC595 Datasheet HTML 11Page - NXP Semiconductors 74HC595 Datasheet HTML 12Page - NXP Semiconductors 74HC595 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
2003 Jun 25
9
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
DC CHARACTERISTICS
Type 74HC
At recommended operating conditions; voltages are referenced to GND (ground=0V).
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
OTHER
VCC (V)
Tamb = −40 to +85 °C; note 1
VIH
HIGH-level input
voltage
2.0
1.5
1.2
−
V
4.5
3.15
2.4
−
V
6.0
4.2
3.2
−
V
VIL
LOW-level input
voltage
2.0
−
0.8
0.5
V
4.5
−
2.1
1.35
V
6.0
−
2.8
1.8
V
VOH
HIGH-level output
voltage
VI =VIH or VIL
all outputs
IO = −20 µA
2.0
1.9
2.0
−
V
4.5
4.4
4.5
−
V
6.0
5.9
6.0
−
V
Q7’ standard output
IO = −4.0 mA
4.5
3.84
4.32
−
V
IO = −5.2 mA
6.0
5.34
5.81
−
V
Qn bus driver outputs
IO = −6.0 mA
4.5
3.84
4.32
−
V
IO = −7.8 mA
6.0
5.34
5.81
−
V
VOL
LOW-level output
voltage
VI =VIH or VIL
all outputs
IO =20 µA
2.0
−
0
0.1
V
4.5
−
0
0.1
V
6.0
−
0
0.1
V
Q7’ standard output
IO = 4.0 mA
4.5
−
0.15
0.33
V
IO = 5.2 mA
6.0
−
0.16
0.33
V
Qn bus driver outputs
IO = 6.0 mA
4.5
−
0.16
0.33
V
IO = 7.8 mA
6.0
−
0.16
0.33
V
ILI
input leakage current
VI =VCC or GND
6.0
−−±1.0
µA
IOZ
3-state output
OFF-state current
VI =VIH or VIL;
VO =VCC or GND
6.0
−−±5.0
µA
ICC
quiescent supply
current
VI =VCC or GND;
IO =0
6.0
−−
80
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com