Electronic Components Datasheet Search
  English  ▼

X  

74HC595 Datasheet(PDF) 19 Page - NXP Semiconductors

Part # 74HC595
Description  8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74HC595 Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button 74HC595 Datasheet HTML 15Page - NXP Semiconductors 74HC595 Datasheet HTML 16Page - NXP Semiconductors 74HC595 Datasheet HTML 17Page - NXP Semiconductors 74HC595 Datasheet HTML 18Page - NXP Semiconductors 74HC595 Datasheet HTML 19Page - NXP Semiconductors 74HC595 Datasheet HTML 20Page - NXP Semiconductors 74HC595 Datasheet HTML 21Page - NXP Semiconductors 74HC595 Datasheet HTML 22Page - NXP Semiconductors 74HC595 Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 28 page
background image
2003 Jun 25
19
Philips Semiconductors
Product specification
8-bit serial-in, serial or parallel-out shift
register with output latches; 3-state
74HC595; 74HCT595
AC WAVEFORMS
handbook, full pagewidth
MSA699
tPLH
tPHL
tW
1/fmax
VM
VM
SH_CP input
Q7' output
tTHL
tTLH
90%
10%
Fig.7
Waveforms showing the clock (SH_CP) to output (Q7’) propagation delays, the shift clock pulse width and
maximum shift clock frequency.
74HC595: VM = 50%; VI = GND to VCC.
74HCT595: VM = 1.3 V; VI = GND to 3 V.
handbook, full pagewidth
MSA700
tPLH
tPHL
tW
1/fmax
VM
VM
VM
ST_CP input
tsu
SH_CP input
Qn output
Fig.8
Waveforms showing the storage clock (ST_CP) to output (Qn) propagation delays, the storage clock
pulse width and the shift clock to storage clock set-up time.
74HC595: VM = 50%; VI = GND to VCC.
74HCT595: VM = 1.3 V; VI = GND to 3 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com