Electronic Components Datasheet Search
  English  ▼

X  

TCL-DC Datasheet(PDF) 2 Page - TRACO Electronic AG

Part # TCL-DC
Description  TCL-DC Series, 24 to 60 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL-DC Datasheet(HTML) 2 Page - TRACO Electronic AG

  TCL-DC Datasheet HTML 1Page - TRACO Electronic AG TCL-DC Datasheet HTML 2Page - TRACO Electronic AG TCL-DC Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
http://www.tracopower.com
Industrial DC/DC-Converter
TCL-DC Series
24 to 60 Watt
Input Specifications
Input power at no load
1.0 Watt max.
Start-up voltage/under voltage shut down
TCL 012 model: 8.4 VDC / 7.6 VDC
TCL 024 & TCL 060 models: 17.2 VDC / 15.7 VDC
Reverse polarity protection
by internal fuse
Efficiency
86 % typ.
Output Specifications
Output voltage adj. range
5 VDC model: 5.0 – 5.25 VDC
12 VDC models: 12.0 – 15.0 VDC
24 VDC models: 24.0 – 28.0 VDC
Regulation
– Input variation Vin min. to Vin max.
0.5 % max
– Load variation 0...100%
0.5 % max
Ripple and noise (20 MHz bandwidth)
<50 mV pk-pk
Electronic short circuit protection
current limitation at 110 % typ.
(constant current, automatic recovery)
Overvoltage protection, trigger point
5 VDC model: <6.5 V
12 VDC models: <24 V
24 VDC models: <42 V
General Specifications
Temperature ranges
– Operating
–25°C to +70°C max.
– Storage (non operating)
–25°C to +85°C
Temperature derating
TCL 012 & TCL 024 models: 1.5 %/K above +50°C
TCL 060 models: 2.0 %/K above +40°C
Humidity (non condensing)
95 % rel. H max.
Temperature coefficient
0.02 %/K
Switching frequency
55 – 180 kHz depending on load
(frequency modulation)
Isolation voltage (60 sec.)
– Input/Output
1500 VDC
Reliability, calculated MTBF at +25°C (according to IEC 61709)
>2.5 Mio h
Safety standards
– Information technology equipment
IEC 60950-1, EN 60950-1 (output SELV),
UL Std. 60950-1 (2nd Edition) +Am1:2011,
CAN/CSA-C22.2 No. 60950-1-07 +Am1:2011
– Industrial control equipment
UL 508
– Electronic equipment for power installation
EN 50178
– Electrical equipment for machines
EN 60204
– Measurement, Control & Laboratory
IEC 61010-1, EN 61010-1
IEC 61010-2-201, EN 61010-2-201
Safety approvals
– UL approval
www.ul.com -> certifications
UL 508C listed, CSA C22.2 No.14 File e210002
Electromagnetic compatibility (EMC), emissions
EN 61000-6-3
– Conducted RI suppression on input
EN 55022 class B
– Radiated RI suppression
EN 55022 class B
Electromagnetic compatibility (EMC), immunity
EN 61000-6-2
– Electrostatic discharge (ESD)
EN 61000-4-2 4 kV / 8 kV
– Radiated RF field immunity
EN 61000-4-3 10 V/m
– Electrical fast transient / burst immunity
EN 61000-4-4 Level 3
– Surge immunity
EN 61000-4-5 Level 3
– Immunity to conducted RF disturbances
EN 61000-4-6 10 Vrms
Environmental compliance
– Reach
www.tracopower.com/info/reach-declaration.pdf
– RoHS
RoHS directive 2011/65/EU
Case protection
IP 20 (IEC 60529)
Enclosure material
plastic UL 94V-0 rated
Mounting
DIN-rails as per EN 50022-35x15/7.5
(snap-on with self-locking spring)
bracket for wall/chassis mount included
Installation instructions
www.tracopower.com/overview/tcl-dc
All specifications valid at nominal input voltage, full load and +25 °C after warm-up time unless otherwise stated.
Page 2 of 3



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com