Electronic Components Datasheet Search
  English  ▼

X  

TCL-DC Datasheet(PDF) 3 Page - TRACO Electronic AG

Part # TCL-DC
Description  TCL-DC Series, 24 to 60 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL-DC Datasheet(HTML) 3 Page - TRACO Electronic AG

  TCL-DC Datasheet HTML 1Page - TRACO Electronic AG TCL-DC Datasheet HTML 2Page - TRACO Electronic AG TCL-DC Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Specifications can be changed without notice! Make sure you are using the latest documentation, downloadable at www.tracopower.com
www.tracopower.com
Industrial DC/DC-Converter
TCL-DC Series
24 to 60 Watt
Rev. November 25, 2020
Page 3 of 3
27 (1.06)
100.0 (3.94)
DC-ON LED
Output voltage
adjust
INPUT
1 2 3
OUTPUT
1 2
Output
Input
1 + Vout
1 Functional Ground
2 – Vout
2 –Vin
3 +Vin
Weight: 140g (4.9 oz)
Dimensions in [mm], () = Inch
Tolerances: ±0.5 (±0.02)
Case Dimensions
Wall Mounting Bracket
Instead on a DIN-rail, the modules can be
also mounted on a chassis or wall with help of a
mounting bracket which is supplied as standard
with each Converter
100.0 (3.94)
45 (1.77)
DC-ON LED
Output voltage
adjust
OUTPUT
1 1 2 2
INPUT
1 2 3
TCL 012 and TCL 024 models
TCL 060 model
Weight: 265 g (9.4 oz)
Output
Input
1 + Vout
1 Functional Ground
2 – Vout
2 –Vin
3 +Vin



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com