Electronic Components Datasheet Search
  English  ▼

X  

TCL-DC Datasheet(PDF) 1 Page - TRACO Electronic AG

Part # TCL-DC
Description  TCL-DC Series, 24 to 60 Watt
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRACOPOWER [TRACO Electronic AG]
Direct Link  http://www.tracopower.com
Logo TRACOPOWER - TRACO Electronic AG

TCL-DC Datasheet(HTML) 1 Page - TRACO Electronic AG

  TCL-DC Datasheet HTML 1Page - TRACO Electronic AG TCL-DC Datasheet HTML 2Page - TRACO Electronic AG TCL-DC Datasheet HTML 3Page - TRACO Electronic AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
http://www.tracopower.com
Industrial DC/DC-Converter
TCL-DC Series, 24 to 60 Watt
Features
◆
Ultra-wide input voltage range
◆
Output voltage adjustable
◆
Overload and short circuit protection
◆
Low ripple and noise
◆
I/O isolation 1500 VDC
◆
Compact, slim plastic case
◆
Reliable snap-on mount on DIN-rail
◆
Bracket for wall mount included
◆
3-year product warranty
In the TCL range of DIN-rail power supplies are 6 models for DC input voltage avail-
able. The wide input ranges of 9.5–18 VDC resp. 18–75 VDC means these models
can be operated from all popular DC supply voltage systems.
With tightly regulated output voltage these DC/DC converters provide a reliable
power source for sensitive loads in industrial process controls, factory automation
and other equipment exposed to a critical industrial environment. Further applica-
tions for these converters are isolation of a specific load or refreshing the 24 V
bus voltage. Easy installation is provided with snap-on mounting on DIN-rails and
detachable screw terminal block.
Order Code
Input Voltage Range
Output Voltage
Output Current max.
TCL 012-124 DC
9.5 – 18.0 VDC
24 VDC
1.0 A
TCL 024-105 DC
5 VDC
5.0 A
TCL 024-112 DC
18 – 75 VDC
12 VDC
2.0 A
TCL 024-124 DC
24 VDC
1.0 A
TCL 060-112 DC
TCL 060-124 DC
18 – 75 VDC
12 VDC
24 VDC
5.0 A
2.5 A
Models
Page 1 of 3
UL 508
CB
Scheme


Similar Part No. - TCL-DC

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TCL-024-105 TRACOPOWER-TCL-024-105 Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-024-112 TRACOPOWER-TCL-024-112 Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-024-124 TRACOPOWER-TCL-024-124 Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-024-124C TRACOPOWER-TCL-024-124C Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TCL-060-112 TRACOPOWER-TCL-060-112 Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
More results

Similar Description - TCL-DC

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WR12T05-12 ETC1-WR12T05-12 Datasheet
51Kb / 4P
50 to 60 Watt Wide input DC/DC converters
logo
AIMTEC
AM60U-Z AIMTEC-AM60U-Z Datasheet
562Kb / 5P
60 Watt | DC-DC Converter
AM60U-Z AIMTEC-AM60U-Z_16 Datasheet
567Kb / 5P
60 Watt | DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CQB60W-110S CINCON-CQB60W-110S Datasheet
322Kb / 2P
60 WATT DC-DC CONVERTERS
logo
TRACO Electronic AG
TCL TRACOPOWER-TCL Datasheet
439Kb / 6P
TCL Series, 24 to 240 Watt
Rev. September 20, 2021
TMDC60 TRACOPOWER-TMDC60 Datasheet
960Kb / 4P
DC/DC Converter TMDC 60 Series, 60 Watt
Rev. March 16, 2023
TMDC60H TRACOPOWER-TMDC60H Datasheet
958Kb / 4P
DC/DC Converter TMDC 60H Series, 60 Watt
Rev. March 17, 2023
TMM60 TRACOPOWER-TMM60 Datasheet
999Kb / 4P
AC/DC Power Supply TMM 60 Series, 60 Watt
Rev. March 16, 2023
TOP60 TRACOPOWER-TOP60 Datasheet
291Kb / 3P
AC/DC Power Supplies TOP 60 Series, 60 Watt
Rev. September 16, 2022
TZL TRACOPOWER-TZL Datasheet
468Kb / 5P
DC/DC Converter TZL Series, 60 to 300 Watt
Rev. June 13, 2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com