Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 9 Page - Linear Technology

Part # LT3980
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT3980 Datasheet HTML 5Page - Linear Technology LT3980 Datasheet HTML 6Page - Linear Technology LT3980 Datasheet HTML 7Page - Linear Technology LT3980 Datasheet HTML 8Page - Linear Technology LT3980 Datasheet HTML 9Page - Linear Technology LT3980 Datasheet HTML 10Page - Linear Technology LT3980 Datasheet HTML 11Page - Linear Technology LT3980 Datasheet HTML 12Page - Linear Technology LT3980 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LTC3646/LTC3646-1
9
36461fc
For more information www.linear.com/LTC3646
OPERATION
TheLTC3646andLTC3646-1arecurrentmode,monolithic,
synchronous, step-down regulators capable of 40V input
operation,andextremelyhighstepdownratioswhilemain-
taining constant frequency. (Both will be referred to as the
LTC3646 except as specifically noted.) Part operation is
enabled by raising the voltage of the RUN pin above 1.21V.
Main Control Loop
In normal operation a switching cycle is initiated by a
signal from the inductor valley current comparator (ICMP
in the Block Diagram). The top power MOSFET is turned
on, and a timer is simultaneously started in the on-time
controller. The on-time controller computes the correct on
time (subject to tON(MIN)) based on the desired switching
frequencyfO,andstep-downratioVON/VIN,accordingtothe
formula shown in the Block Diagram. In a typical applica-
tion,theVONpinshouldbeconnectedtotheoutputvoltage,
VOUT. When the timer expires, the top power MOSFET is
turned off and the bottom power MOSFET is turned on
until the current comparator (ICMP) trips, restarting the
timer and initiating the next cycle. The inductor current
is monitored by sensing the voltage drop across the SW
and PGND nodes of the bottom power MOSFET. The volt-
age at the ITH node sets the ICMP comparator threshold
corresponding to the inductor valley current. The error
amplifier (EA) adjusts the ITH voltage by comparing an
internal 0.6V reference voltage to the feedback signal,
VFB, derived from the output voltage. If, for example, the
load current increases, the output voltage will decrease
relative to the 0.6V reference. The ITH voltage will rise
until the average inductor current increases to match the
load current.
At low load currents, the inductor current can drop to
zero or become negative. If the LTC3646 is configured for
Burst Mode operation, this inductor current condition is
detected by the current reversal comparator (IREV) which
then shuts off the bottom power MOSFET and places the
part into a low quiescent current sleep state, resulting in
discontinuous operation and increased efficiency at low
load currents. Both power MOSFETs will remain off with
the part in sleep and the output capacitor supplying the
loadcurrentuntiltheITHvoltagerisessufficientlytoinitiate
anothercycle.Discontinuousoperationisdisabledbytying
the MODE/SYNC pin to ground, placing the LTC3646 into
forced continuous mode. During forced continuous mode
operation, synchronous operation occurs regardless of
the output load current, and the inductor current trough
levels are allowed to become negative.
The operating frequency is determined by the value of the
RRT resistor, which programs the current for the internal
oscillator.Aninternalphase-lockedloopadjuststheswitch-
ing regulator on-time so that the switching frequency
matches the programmed frequency, subject to tON and
tOFFtimeconstraintsshownintheElectricalCharacteristics
table. Alternatively, the RT pin can be connected to the
INTVCC pin which causes the internal oscillator to run at
the default frequency of 2.25MHz.
A clock signal can be applied to the MODE/SYNC pin to
synchronizetheswitchingfrequencytoanexternalsource.
When operating in this configuration, connect a resistor to
the RT pin with a value corresponding to the applied clock
frequency. With an external clock supplied to the MODE/
SYNC pin, the part will operate in forced continuous mode.
Power Good Status Output
The PGOOD open-drain output will be pulled low if the
regulator output exits the VPGOOD window around the
regulation point. This condition is released once regula-
tion within the specified window is achieved. To prevent
unwanted PGOOD glitches during transients or dynamic
VOUT changes, the LTC3646 PGOOD falling edge includes
a filter time of approximately 70 clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com