Electronic Components Datasheet Search
  English  ▼

X  

LT3980 Datasheet(PDF) 24 Page - Linear Technology

Part # LT3980
Description  40V, 1A Synchronous Step-Down Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3980 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT3980 Datasheet HTML 20Page - Linear Technology LT3980 Datasheet HTML 21Page - Linear Technology LT3980 Datasheet HTML 22Page - Linear Technology LT3980 Datasheet HTML 23Page - Linear Technology LT3980 Datasheet HTML 24Page - Linear Technology LT3980 Datasheet HTML 25Page - Linear Technology LT3980 Datasheet HTML 26Page - Linear Technology LT3980 Datasheet HTML 27Page - Linear Technology LT3980 Datasheet HTML 28Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
LTC3646/LTC3646-1
24
36461fc
For more information www.linear.com/LTC3646
TYPICAL APPLICATIONS
24V Input to 5V Output at 1MHz Frequency and EXTVCC
Efficiency Curve
50mA to 1A Load Step
PVIN
SVIN
RUN
INTVCC
PGOOD
ITH
RT
MODE/SYNC
EXTVCC
BOOST
SW
VON
VFB
+ –
SWITCH
CONTROL
LTC3646
100k
2
L1
10µH
SGND
PGND
0.1µF
487k
22µF
0.6V
90.9k
RCOMP
100k
66.5k
3646 TA03a
COUT
30µF
VOUT
5V
20pF
4.7µF
CCOMP
33pF
VIN
24V
2.2µF
LOAD CURRENT (A)
0.001
0.1
1
3646 TA03b
0
0.01
100
10
20
30
40
50
60
70
80
90
40µs/DIV
3646 TA03c
VOUT
200mV/DIV
AC-COUPLED
IL1
1A/DIV
ILOAD
1A/DIV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com